Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0067 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0067
Description  DHT11 Temperature and Humidity Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0067 Datasheet(HTML) 2 Page - DFROBOT

  DFR0067 Datasheet HTML 1Page - DFROBOT DFR0067 Datasheet HTML 2Page - DFROBOT DFR0067 Datasheet HTML 3Page - DFROBOT DFR0067 Datasheet HTML 4Page - DFROBOT DFR0067 Datasheet HTML 5Page - DFROBOT DFR0067 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
applications. The product is 4 pin single row pin package. Convenient connections
and special packages can be provided according to users need.
Specification
Supply Voltage: +5 V
Temperature range :0-50 °C error of ± 2 °C
Humidity :20-90% RH ± 5% RH error
Interface: Digital
7/7/24, 6:33 PM
DHT11_Temperature_and_Humidity_Sensor__SKU__DFR0067_-DFRobot
https://wiki.dfrobot.com/DHT11_Temperature_and_Humidity_Sensor__SKU__DFR0067_
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com