Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0506 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0506
Description  7'_HDMI_Display_with_Capacitive_Touchscreen_SKU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0506 Datasheet(HTML) 1 Page - DFROBOT

  DFR0506 Datasheet HTML 1Page - DFROBOT DFR0506 Datasheet HTML 2Page - DFROBOT DFR0506 Datasheet HTML 3Page - DFROBOT DFR0506 Datasheet HTML 4Page - DFROBOT DFR0506 Datasheet HTML 5Page - DFROBOT DFR0506 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2020/6/12
7''_HDMI_Display_with_Capacitive_Touchscreen_SKU__DFR0506-DFRobot
https://wiki.dfrobot.com/7''_HDMI_Display_with_Capacitive_Touchscreen_SKU__DFR0506
1/6
Introduction
This is a 7" HDMI display with capacitive touchscreen. It comes with a 7" LCD screen with
capacitive touch panel overlay on it. The touch panel supports up to 5 touch points. And it
adopts DFRobot USB free-driver technology, no special requirement of drivers. You can use it as
easy as keyboard or mouse. It can be directly plugged to PC for touching control. In combination
with HDMI HD screen, it can turn a large PC to a tablet immediately.
The screen supports Windows, Linux and MAC OS. It can be used on Lattepanda, Raspberry Pi
and other HDMI device. We also make some special hole to make it compatible with Arduino
screw hole. You can mount them on the back of the display directly.
There is no need for external power supply for the screen, it can be powered by USB port and
HDMI port. The display also supports back light adjustment. It is very convenient to adjust
backlight by potentiometer on the back of the display.
warning_yellow.png Note: Please guarantee the external power supply current is above
1.5A@5V when it is driven by raspberry Pi. The lower current will reduce the touching sensitivity.
Features
Capacitive Touchscreen, Support 5 Touch Points
HDMI Interface
USB Power Supply, Driver-free Installation
Specification
Operating Voltage: 5V
Operating Current: 160mA (with HDMI connection)
Maximum Operating current: 1200mA
Refresh Frequency: 43Hz (not recommended 60Hz, it will not be full screen)
Screen Resolution: 1024x600
Viewing Angle: 60°/70°/70°/70°
Number of Touch Points: 5
RGB888-16 Mega True Color


Similar Part No. - DFR0506

ManufacturerPart #DatasheetDescription
logo
Dubilier
DFR050 DUBILIER-DFR050 Datasheet
718Kb / 5P
Power Flame Proof Resistors
logo
DFROBOT
DFR0502 DFROBOT-DFR0502 Datasheet
638Kb / 7P
Gravity:IO Expansion & Motor Driver Shield V1.1 SKU: DFR0502
1-10-18
DFR0504 DFROBOT-DFR0504 Datasheet
611Kb / 2P
Gravity: Analog Signal Isolator
9-19-17
DFR0505 DFROBOT-DFR0505 Datasheet
1Mb / 20P
SIM7000C Arduino NB IoT/LTE/GPRS Expansion Shield SKU: DFR0505
4-3-18
DFR0507 DFROBOT-DFR0507 Datasheet
676Kb / 28P
FireBeetle Covers OLED12864 Display SKU: DFR0507
7-16-18
More results

Similar Description - DFR0506

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
Standard 7- Segment Display 7 mm
31-Aug-04
logo
DB Lectro Inc
BDR-7 DBLECTRO-BDR-7 Datasheet
95Kb / 1P
BDR-7
logo
TRIAD MAGNETICS
RC-7 TRIAD-RC-7 Datasheet
37Kb / 1P
RC-7
logo
rfsolutions.ltd
SG3 RFSOLUTIONS-SG3 Datasheet
716Kb / 2P
77 Band Graphic Equalizer (Stereo)
SG6 RFSOLUTIONS-SG6 Datasheet
720Kb / 2P
77 Band Graphic Equalizer (Stereo)
logo
Vishay Siliconix
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
Standard 7-Segment Display 7 mm
30-Jun-10
logo
Adels-Contact
127007 ADELS-127007 Datasheet
120Kb / 2P
1500/ 7
logo
Vishay Siliconix
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
TDSG1150-LM VISHAY-TDSG1150-LM Datasheet
166Kb / 12P
Standard 7-Segment Display 7 mms
06-Dec-2021
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com