Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0506 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0506
Description  7'_HDMI_Display_with_Capacitive_Touchscreen_SKU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0506 Datasheet(HTML) 2 Page - DFROBOT

  DFR0506 Datasheet HTML 1Page - DFROBOT DFR0506 Datasheet HTML 2Page - DFROBOT DFR0506 Datasheet HTML 3Page - DFROBOT DFR0506 Datasheet HTML 4Page - DFROBOT DFR0506 Datasheet HTML 5Page - DFROBOT DFR0506 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2020/6/12
7''_HDMI_Display_with_Capacitive_Touchscreen_SKU__DFR0506-DFRobot
https://wiki.dfrobot.com/7''_HDMI_Display_with_Capacitive_Touchscreen_SKU__DFR0506
2/6
Video Interface: HDMI
Touch Interface: Micro-USB
Outline Dimensions: 165mm x 100mm/6.50" x 3.94"
Mounting Hole Size: M2.5
Outside Mounting Size: 155mm x 90mm/6.10" x 3.54"
Inside Mounting Size: 58mm x 49mm/2.83" x 1.93"
Weight: to be continued...
Screen Overview
Standard HDMI
Standard Micro USB
Tutorial
Touchscreen with Raspberry Pi
You need to reset resolution to avoid touch differentiation caused by resolution difference
between Raspberry Pi and the Touchscreen.
Enter /boot/config.txt, modify or add the project as below:
#### remove black borders
disable_overscan=1
#### set specific CVT mode
hdmi_cvt 1024 600 60 6 0 0 0
#### set CVT as default
hdmi_group=2
hdmi_mode=87
NOTE: Windows and MAC operating system can capture resolution automatically, so you don't
need to modify any parameter.
Firmware Update
Dfu-util (Device Firmware Upgrade Utilities) is a free, open-source, cross-platform firmware
update program, it is easy to update firmware for devices with microcontrollers without platform
limitations More information: http://dfu util sourceforge net (http://dfu util sourceforge net)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com