Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0544 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0544
Description  LattePanda Delta 432(Win10 Pro Activated) – Tiny Ultimate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0544 Datasheet(HTML) 1 Page - DFROBOT

  DFR0544 Datasheet HTML 1Page - DFROBOT DFR0544 Datasheet HTML 2Page - DFROBOT DFR0544 Datasheet HTML 3Page - DFROBOT DFR0544 Datasheet HTML 4Page - DFROBOT DFR0544 Datasheet HTML 5Page - DFROBOT DFR0544 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Name: LattePanda Delta 432(Win10 Pro Activated) – Tiny Ultimate
Windows / Linux Device 4GB/32GB
Recommended Products:
FIT0550 Titan case for LattePanda Alpha & Delta
FIT0551 7inch eDP touch display
FIT0552 Streaming cable
FIT0476 10inch HDMI/VGA/AV Display
Introduction
Delta Edition - Mathematical Character
△;atriangle.Intermsofproductdesign,performance,
and price, it signals a compromise between the three. It keeps the perfect balancing, while
balancing best reflects the beauty of engineering.
The Delta Edition uses Intel 8th generation Celeron N4100 processor which is the perfect
choice in terms of features and price as a main robotics controller, interactive project core, IoT
edge device or AI brain. So LattePanda Delta is still the x86 based SBC design. We have
shrunken the computing monster from the size of a laptop to the size of a phone.
We are shipping Windows 10 Pro this time but we have also added Linux Compatibility,
Windows and Linux dual OS support. Because we saw the different needs of users from our
1st Gen products.


Similar Part No. - DFR0544

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0543 DFROBOT-DFR0543 Datasheet
1Mb / 9P
LattePanda Delta 432 – Tiny Ultimate Windows / Linux Device
8-21-18
DFR0545 DFROBOT-DFR0545 Datasheet
1Mb / 11P
LattePanda Alpha 800 – Tiny Ultimate Windows / Linux Device
8-21-18
DFR0546 DFROBOT-DFR0546 Datasheet
2Mb / 10P
LattePanda Alpha 864s – Tiny Ultimate Windows / Linux Device (Pre-order)
5-29-19
DFR0547 DFROBOT-DFR0547 Datasheet
5Mb / 9P
LattePanda 2 Alpha 864s (Win10 Pro activated)
DFR0548 DFROBOT-DFR0548 Datasheet
481Kb / 5P
Micro:bit Driver Expansion Board SKU:DFR0548
7-16-18
More results

Similar Description - DFR0544

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7217 LSI-LS7217 Datasheet
177Kb / 3P
PROGRAMMABLE LIGHT-ACTIVATED TIMER
logo
Mallory performance clu...
628 MALLORY-628 Datasheet
125Kb / 12P
RPM ACTIVATED SWITCH
646 MALLORY-646 Datasheet
198Kb / 8P
WINDOW RPM ACTIVATED SWITCH
logo
Oscilent Corporation
CO-432 OSCILENT-CO-432 Datasheet
142Kb / 2P
432 Series Surface Mount Crystal Oscillators
logo
Mallory performance clu...
PN8950 MALLORY-PN8950 Datasheet
390Kb / 4P
MSD RPM Activated Switch
logo
Motorola, Inc
MC2830 MOTOROLA-MC2830 Datasheet
31Kb / 1P
Voice Activated Switch
logo
Mallory performance clu...
8950 MALLORY-8950 Datasheet
390Kb / 4P
MSD RPM Activated Switch
logo
Energizer
ELMCL21L ENERGIZER-ELMCL21L Datasheet
136Kb / 1P
Ultimate 2AA Metal Light
logo
Ultralife Corporation.
MRC-93 ULTRALIFE-MRC-93 Datasheet
669Kb / 2P
Ultimate Battery Eliminator
10 March 2016 Rev A
logo
Analog Technologies, In...
ASFC401 ANALOGTECHNOLOGIES-ASFC401 Datasheet
223Kb / 4P
Voice Activated Sofa Controller
10/31/2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com