Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0550 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0550
Description  5'TFT-Display with Touchscreen V1.0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0550 Datasheet(HTML) 2 Page - DFROBOT

  DFR0550 Datasheet HTML 1Page - DFROBOT DFR0550 Datasheet HTML 2Page - DFROBOT DFR0550 Datasheet HTML 3Page - DFROBOT DFR0550 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specification
Operating Voltage: 3.3V (Supplied by Raspberry Pi display interface)
The Maximum Operating Current: 320mA
Screen-off Current: 100mA
Resolution: 800*480
Video Interface: Raspberry Pi DSI
Number of Touch Points: 5
Viewing Angle: 60°/70°/70°/70°
RGB888-16 Mega True Color
Refresh Frequency: 60Hz
Luminous Efficiency: 280 cd/m2
Operating Temperature: -20 ~70
Dimension: 121mm×76mm / 4.76" × 2.99"
Mounting Hole Size: M2.5
Outside Mounting Hole Position: 113mm × 68mm/ 4.45" × 2.68"
Inside Mounting Hole Position: 58mm x 49mm/ 2.28" x 1.93"



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com