Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0550 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0550
Description  5'TFT-Display with Touchscreen V1.0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0550 Datasheet(HTML) 1 Page - DFROBOT

  DFR0550 Datasheet HTML 1Page - DFROBOT DFR0550 Datasheet HTML 2Page - DFROBOT DFR0550 Datasheet HTML 3Page - DFROBOT DFR0550 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
5''TFT-Display with Touchscreen V1.0
SKU:DFR0550
This is a 5" Raspberry Pi LCD touchscreen with 800*480 resolution and 108×64.8mm display area.
The product supports Raspberry Pi DSI display interface and comes with a capacitive touch panel
on its screen and supports 5 touch points. The special holes design on the back of the screen is
convenient to directly install the Raspberry Pi in the product. There is no need to provide external
power for the touchscreen as the Raspberry Pi power supply is adopted. In addition, the screen
supports hardware backlight adjustment. The function can be realized by turning the potentiometer
on the back of the display.
Features
Capacitive Touchscreen, Support 5 TouchPoints.
Raspberry DSI Direct Driver


Similar Part No. - DFR0550

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0552 DFROBOT-DFR0552 Datasheet
1Mb / 23P
Gravity: 12-Bit I2C DAC Module SKU: DFR0552
6-5-18
DFR0553 DFROBOT-DFR0553 Datasheet
625Kb / 8P
Gravity: I2C ADS1115 16-Bit ADC Module(Arduino & Raspberry Pi Compatible) SKU: DFR0553
6-5-18
DFR0554 DFROBOT-DFR0554 Datasheet
625Kb / 5P
Gravity: I2C 16x2 Arduino LCD with RGB Font Display SKU: DFR0554
7-16-18
DFR0555 DFROBOT-DFR0555 Datasheet
573Kb / 12P
Gravity I2C LCD1602Arduino LCD Display Module SKU
2025/6/24
DFR0558 DFROBOT-DFR0558 Datasheet
481Kb / 8P
Gravity: Digital High Temperature Sensor (K-type) SKU:DFR0558
8-7-18
More results

Similar Description - DFR0550

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
LCD-SLP GAMEWELL-FCI-LCD-SLP Datasheet
61Kb / 1P
LCD Touchscreen Annunciator Display
logo
Axiomtek Co., Ltd.
P6151PR-24VDC-RS AXIOMTEK-P6151PR-24VDC-RS Datasheet
292Kb / 3P
15 XGA TFT Industrial Touchscreen Monitor
logo
Crystalfontz America, I...
CFAF800480E0-050SC CRYSTAIFONTZ-CFAF800480E0-050SC Datasheet
1Mb / 16P
5??TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
CFAF800480E0-050SN CRYSTAIFONTZ-CFAF800480E0-050SN Datasheet
1Mb / 14P
5??TFT DISPLAY MODULE
logo
Schneider Electric
HMIS85 SCHNEIDER-HMIS85 Datasheet
73Kb / 2P
5in7 small touchscreen display front module Backlight LED Color TFT LCD
Aug 19, 2020
logo
STMicroelectronics
STM32H753I-EVAL STMICROELECTRONICS-STM32H753I-EVAL Datasheet
1Mb / 6P
5.7??640×480 TFT color LCD with touchscreen
Rev 3 - June 2019
logo
Schneider Electric
HMIGTO4310FC SCHNEIDER-HMIGTO4310FC Datasheet
66Kb / 3P
Advanced touchscreen panel, Harmony GTO, 7.5 Color Touch VGA TFT, coated display
Sep 20, 2021
HMIGTO5310FC SCHNEIDER-HMIGTO5310FC Datasheet
67Kb / 3P
Advanced touchscreen panel, Harmony GTO, 10.4 Color Touch VGA TFT, coated display
Oct 17, 2021
HMIGTO1300FC SCHNEIDER-HMIGTO1300FC Datasheet
95Kb / 3P
Advanced touchscreen panel, Harmony GTO, 3.5 Color Touch QVGA TFT, coated display
Apr 27, 2022
HMIGTO1310FC SCHNEIDER-HMIGTO1310FC Datasheet
96Kb / 3P
Advanced touchscreen panel, Harmony GTO, 3.5 Color Touch QVGA TFT, coated display
Apr 27, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com