Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0648 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0648
Description  module adopts a high-contrast, low-power OLED display.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0648 Datasheet(HTML) 1 Page - DFROBOT

  DFR0648 Datasheet HTML 1Page - DFROBOT DFR0648 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTRODUCTION
This OLED display module uses the SSD1306 drive chip, has 128x32 self-
illuminating white pixels, and adopts the back chip-mounting pad design.
Small size, the length is 33mm and the width is 20mm. With its small size,
simple wiring and low power consumption, it can be applied to many display
applications, such as wearable display devices, Mini small game consoles,
desktop widgets, etc.
The display module adopts a high-contrast, low-power OLED display. Full-
screen lighting consumes approximately 25mA (3.3V) 25mA (5V) and full-
screen off power consumption: approx. 2mA (3.3V) 2mA (5V). It is compatible
with controllers such as Arduino UNO, Leonardo, ESP32/ESP8266, FireBettle-
M0 and so on. Internal power-on reset processing, I2C communication
methods, so that your welding line will be more convenient and simpler.
Note: Turn the pixels off when you are not using the display to prevent the use
of some pixels too long to darken them, which will cause the brightness
uniformity problem.
FEATURES
•
Self-illuminating OLED display
•
Controllable pixels and low power consumption
•
Supports power-on reset
APPLICATIONS
•
Thermometer
•
Desktop weather display
•
Kitchen weighing machine


Similar Part No. - DFR0648

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0645-R DFROBOT-DFR0645-R Datasheet
829Kb / 3P
Gravity: 4-Digital LED Segment Display
DFR0646-G DFROBOT-DFR0646-G Datasheet
746Kb / 5P
DFR0646-G, DFR0646-R
2-17-20
DFR0646-R DFROBOT-DFR0646-R Datasheet
746Kb / 5P
DFR0646-G, DFR0646-R
2-17-20
DFR0647 DFROBOT-DFR0647 Datasheet
2Mb / 19P
Monochrome OLED Display
2023/10/12
DFR0649 DFROBOT-DFR0649 Datasheet
1Mb / 28P
SKU:DFR0649
More results

Similar Description - DFR0648

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
logo
Crystalfontz America, I...
CFAL12832D-P CRYSTAIFONTZ-CFAL12832D-P Datasheet
617Kb / 13P
OLED DISPLAY MODULE
CFAL12864G-024W CRYSTAIFONTZ-CFAL12864G-024W Datasheet
449Kb / 10P
OLED DISPLAY MODULE
CFAL12864J-Y CRYSTAIFONTZ-CFAL12864J-Y Datasheet
487Kb / 10P
OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com