Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0648 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0648
Description  module adopts a high-contrast, low-power OLED display.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0648 Datasheet(HTML) 2 Page - DFROBOT

  DFR0648 Datasheet HTML 1Page - DFROBOT DFR0648 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
•
Air quality detector
•
Mini Game consoles
•
Wearable display
SPECIFICATION
•
Operating voltage: 3.3V to 5V
•
Color: white pixels
•
Number of pixels: 128 columns x 32 rows
•
Interface: I2C
•
Drive chip: SSD1306
•
Brightness: 180 (Typ) cd/m2
•
Full-screen lighting power: approx. 25mA (3.3V) 25mA (5V)
•
Full-screen off power consumption: approx. 2mA (3.3V) 2mA (5V)
•
Operating temperature: -30°C to 70°C
•
Display area: 22.38 x 5.58 mm / 0.88”x 0.22”
•
Mounting hole diameter: 2 mm
•
Size: 33x20mm / 1.30”x 0.79”
•
Weight: 2.7 g
DOCUMENTS
• Product wiki



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com