Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0649 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0649
Description  SKU:DFR0649
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0649 Datasheet(HTML) 1 Page - DFROBOT

  DFR0649 Datasheet HTML 1Page - DFROBOT DFR0649 Datasheet HTML 2Page - DFROBOT DFR0649 Datasheet HTML 3Page - DFROBOT DFR0649 Datasheet HTML 4Page - DFROBOT DFR0649 Datasheet HTML 5Page - DFROBOT DFR0649 Datasheet HTML 6Page - DFROBOT DFR0649 Datasheet HTML 7Page - DFROBOT DFR0649 Datasheet HTML 8Page - DFROBOT DFR0649 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SKU:DFR0649 (https://www.dfrobot.com/product-2072.html)
(https://www.dfrobot.com/product-2072.html)
Introduction
This display module features high resolution, low power consumption, wide angle
and easy wiring. It employs IPS display with a small size of 1.54 inches, offering
240×240 resolution. The module adopts SPI and GDI interface(work with
maincontrollers with GDI port). This LCD display can be powered by 3.3V~5V, and
the maximum is power consumption is 24Ma. This product can be used in many
display applications: waveform monitor display, electronic gift box, electronic
weather decorations, etc.
Specification
Operating Voltage: 3.3V~5V
IPS Angle of View: 80/80/80/80
Color Depth: 16-bit (RGB565)
Pixels: 240 × 240
Connection Port: SPI
Driver Chip: ST7789
Brightness: 250 (Typ) cd/m2


Similar Part No. - DFR0649

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0645-R DFROBOT-DFR0645-R Datasheet
829Kb / 3P
Gravity: 4-Digital LED Segment Display
DFR0646-G DFROBOT-DFR0646-G Datasheet
746Kb / 5P
DFR0646-G, DFR0646-R
2-17-20
DFR0646-R DFROBOT-DFR0646-R Datasheet
746Kb / 5P
DFR0646-G, DFR0646-R
2-17-20
DFR0647 DFROBOT-DFR0647 Datasheet
2Mb / 19P
Monochrome OLED Display
2023/10/12
DFR0648 DFROBOT-DFR0648 Datasheet
226Kb / 2P
module adopts a high-contrast, low-power OLED display.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com