Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0649 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0649
Description  SKU:DFR0649
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0649 Datasheet(HTML) 2 Page - DFROBOT

  DFR0649 Datasheet HTML 1Page - DFROBOT DFR0649 Datasheet HTML 2Page - DFROBOT DFR0649 Datasheet HTML 3Page - DFROBOT DFR0649 Datasheet HTML 4Page - DFROBOT DFR0649 Datasheet HTML 5Page - DFROBOT DFR0649 Datasheet HTML 6Page - DFROBOT DFR0649 Datasheet HTML 7Page - DFROBOT DFR0649 Datasheet HTML 8Page - DFROBOT DFR0649 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Brightness: 250 (Typ) cd/m2
Full-screen Power Consumption: about 17mA (3.3V) 17mA (5V) (Typ)
Operating Temperature: -30℃~+70℃
Display Area: 27.72×27.72mm
Mount Hole Diameter: 2mm
Dimension: 44.00x39.00mm
Weight: g
Board Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com