Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP5032M7680LABK Datasheet(PDF) 2 Page - CTS Corporation

Part # CP5032M7680LABK
Description  5x3.2mm and 7x5mm Low Cost Programmable Clock Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CP5032M7680LABK Datasheet(HTML) 2 Page - CTS Corporation

  CP5032M7680LABK Datasheet HTML 1Page - CTS Corporation CP5032M7680LABK Datasheet HTML 2Page - CTS Corporation CP5032M7680LABK Datasheet HTML 3Page - CTS Corporation CP5032M7680LABK Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0321-0
Page 2 - 4
Rev. B
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model CP5 and CP7
5x3.2mm and 7x5mm Low Cost
Programmable Clock Oscillator
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
4.6
V
Storage Temperature
TSTG
-
-55
-
125
°C
Frequency Range
fO
-
2
-
200
MHz
Frequency Stability
(See Note 1 and Ordering Information)
Operating Temperature
Commercial
-20
70
Industrial
-40
85
Data Retention
-
@ 85°C
10
-
-
Years
Supply Voltage
(see Note 2)
2.25
2.5
2.75
2.97
3.3
3.63
Supply Current
ICC
@ CL = 15 pF
-
-40
mA
Output Load
CL
--
-
15
pF
Output Voltage Levels
Logic '1' Level
VOH
CMOS Load
IOH = -4mA
0.1VCC
--
Logic '0' Level
VOL
CMOS Load
IOL = +4mA
--
0.9VCC
Output Duty Cycle
SYM
@ 50% Level
45
-
55
%
Rise and Fall Time
TR, TF
@ 20% - 80% Levels
-
2.5
4
ns
Start Up Time
TS
Application of VCC
--
10
ms
Enable Function
Enable Input Voltage
VIH
Pin 1 Logic '1', Output Enabled
0.7VCC
--
Disable Input Voltage
VIL
Pin 1 Logic '0', Output Disabled
-
-
0.2VCC
Standby Current
IST
Pin 1 Logic '0', Output Disabled
-
-
10
uA
Enable Start Up Time
TPLZ
Pin 1 Logic '1', Output Enabled
-
-
10
ms
Jitter (peak - peak)
JP-P
10k hits & 0.1uF bypass capacitor
-
100
250
ps
Phase Jitter
tjms
Bandwidth 12 kHz - 20 MHz
-
2.5
-
ps RMS
Notes:
1.
2. Power supply start-up time should be greater than 150 us (0%VCC to 90%VCC).
Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and first year aging at an average
operating temperature of +40 °C.
-50
V
TA
-°C
25
∆f/fO
VCC
± 10 %
V
V
± ppm
-
-
CMOS/TTL OUTPUT WAVEFORM
PERIOD (T)
90%, 80%, 2.4V
50%, 1.5V
10%, 20%, 0.5V
DUTY CYCLE = t/T x 100 (%)
V
V
OH
OL
Tr
Tf
UPTIME (t)
TEST CIRCUIT, CMOS LOAD
POWER
SUPPLY
+
-
+-
-
+
VM
mA
.01uF
D.U.T.
43
12
C L
Including probe
capacitance.
Enable Input
ENABLE TRUTH TABLE
PIN 1
PIN 3
Logic ‘1’
Output
Open
Output
Logic ‘0’
High Imp.
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
EOH
Enable Input (Standby)
2
GND
Circuit & Package Ground
3
Output
RF Output
4
VCC
Supply Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com