Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP5032M7680LABK Datasheet(PDF) 1 Page - CTS Corporation

Part # CP5032M7680LABK
Description  5x3.2mm and 7x5mm Low Cost Programmable Clock Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CP5032M7680LABK Datasheet(HTML) 1 Page - CTS Corporation

  CP5032M7680LABK Datasheet HTML 1Page - CTS Corporation CP5032M7680LABK Datasheet HTML 2Page - CTS Corporation CP5032M7680LABK Datasheet HTML 3Page - CTS Corporation CP5032M7680LABK Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0321-0
Page 1 - 4
Rev. B
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model CP5 and CP7
FEATURES
• Standard 5x3.2 and 7x5mm SMT Footprint
• LVCMOS Output
• PLL Technology
• Frequency Range 2 – 200 MHz
• Frequency Stability, ±50 ppm
• +2.5Vdc or +3.3Vdc Operation
• Operating Temperature to –40°C to +85°C
• Output Enable (Stand-By)
• Tape & Reel Packaging
• RoHS/Green Compliant
ORDERING INFORMATION
M - indicates MHz and
decimal point.
Frequency is recorded with
4 significant digits to the
right of the "M".
SUPPLY VOLTAGE
PACKAGE TYPE
Clock, Programmable
A = ±50 ppm, -20°C to +70°C
B = ±50 ppm, -40°C to +85°C
M
5 = 5x3.2mm, LCC
7 = 7x5mm, LCC
MODEL NUMBER
FREQUENCY IN MHz
CP
L = +3.3V
N = +2.5V
PACKAGING OPTIONS
T0 = Tape and Reel (1k pcs.)
T3 = Tape and Reel (250 pcs.)
SP = Slide Pak (plastic tube)
BK = Bulk
STABILITY / TEMPERATURE RANGE
Example Part Number: CP7032M7680LABK
DESCRIPTION
The CP5 and CP7 is a ceramic packaged
Programmable Clock oscillator for quick turn
delivery. Wide range of frequencies allows
engineers to develop new designs and bring
them to market faster and more efficiently.


Similar Part No. - CP5032M7680LABK

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CP503 CDIL-CP503 Datasheet
220Kb / 5P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
List of Unclassifed Man...
CP5030 ETC1-CP5030 Datasheet
1Mb / 20P
100 MHz, 200 MHz bandwidth models
logo
CUI INC
CP50301541 CUI-CP50301541 Datasheet
691Kb / 8P
PELTIER MODULE
CP50301541 CUI-CP50301541 Datasheet
701Kb / 8P
PELTIER MODULE
logo
List of Unclassifed Man...
CP5030A ETC1-CP5030A Datasheet
1Mb / 20P
100 MHz, 200 MHz bandwidth models
More results

Similar Description - CP5032M7680LABK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3LV ETC1-CB3LV Datasheet
83Kb / 3P
7x5mm Low Cost clock Oscillator
FXO-HC730R ETC2-FXO-HC730R Datasheet
156Kb / 3P
Low Cost, Low Jitter, Fast Delivery...1.888.XPRESSO HCMOS 7x5mm 3.3V Oscillator
logo
Connor-Winfield Corpora...
7113 CONNOR-WINFIELD-7113 Datasheet
168Kb / 2P
3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
7143 CONNOR-WINFIELD-7143 Datasheet
251Kb / 2P
3.3V SURFACE MOUNT 5x3.2mm LVCMOS CLOCK OSCILLATOR
7213 CONNOR-WINFIELD-7213 Datasheet
138Kb / 2P
3.3V LVCMOS SURFACE MOUNT 5x3.2mm CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-P83 ECS-ECS-P83 Datasheet
174Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143 ECS-ECS-P143 Datasheet
173Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
ECS-P83X ECS-ECS-P83X Datasheet
177Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
ECS-P143X ECS-ECS-P143X Datasheet
177Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
ECS-UPO-8PINX ECS-ECS-UPO-8PINX Datasheet
434Kb / 1P
PROGRAMMABLE CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com