Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT823LSDI-G Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT823LSDI-G
Description  System Supervisory Voltage Reset with Watchdog and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT823LSDI-G Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT823LSDI-G Datasheet HTML 1Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 2Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 3Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 4Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 5Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 6Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 7Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 8Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT823, CAT824, CAT825
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-3027, Rev. B
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Supply Voltage
6
V
All other pins
-0.3 to (VCC + 0.3)
V
Input Current, VCC
20
mA
Output Current RST, RST
¯¯¯¯
20
mA
Continuous Power Dissipations (TA = +70ºC)
SC-70 5-lead (derate 3.1mW/ºC above +70ºC)
247
mW
TSOT-23 5-lead (derate 7.1mW/ºC above +70ºC)
571
mW
Storage Temperature
-65 to 150
ºC
Operating Ambient Temperature
-40 to +85
ºC
Lead Soldering (10 seconds max)
+300
ºC
ESD Rating: Low Voltage Pins
Human Body Model
2000
V
Machine Model
200
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Units
VCC (TA = 0ºC to +70ºC)
1.0 to 5.5
V
VCC (TA = -40ºC to +85ºC)
1.2 to 5.5
V
All Other Pins
-0.1 to (VCC + 0.1)
V
Ambient Temperature
-40 to +85
ºC
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com