Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT823LSDI-G Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT823LSDI-G
Description  System Supervisory Voltage Reset with Watchdog and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT823LSDI-G Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT823LSDI-G Datasheet HTML 6Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 7Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 8Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 9Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 10Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 11Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 12Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 13Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CAT823, CAT824, CAT825
© Catalyst Semiconductor, Inc.
13
Doc. No. MD-3027, Rev. B
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
(1)
TOP MARKING INFORMATION (For all Thresholds)
Device #
Package
Top Marking
CAT823
TSOT-23
TS
CAT824
TSOT-23
TB
CAT825
TSOT-23
TD
CAT823
SC-70
RG
CAT824
SC-70
TB
CAT825
SC-70
TD
ORDERING PART NUMBER
CAT823LTDI-G
CAT824LTDI-G
(4)
CAT825LTDI-G
CAT823MTDI-G
CAT824MTDI-G
(4)
CAT825MTDI-G
CAT823TTDI-G
CAT824TTDI-G
(4)
CAT825TTDI-G
CAT823STDI-G
CAT824TSDI-G
(4)
CAT825STDI-G
CAT823RTDI-G
CAT824RTDI-G
(4)
CAT825RTDI-G
CAT823ZTDI-G
CAT824ZTDI-G
(4)
CAT825ZTDI-G
CAT823YTDI-G
CAT824YTDI-G
(4)
CAT825YTDI-G
CAT823LSDI-G
CAT824LSDI-G
(4)
CAT825LSDI-G
CAT823MSDI-G
CAT824MSDI-G
(4)
CAT825MSDI-G
CAT823TSDI-G
CAT824TSDI-G
(4)
CAT825TSDI-G
CAT823SSDI-G
CAT824SSDI-G
(4)
CAT825SDI-G
CAT823RSDI-G
CAT824RSDI-G
(4)
CAT825RSDI-G
CAT823ZSDI-G
CAT824ZSDI-G
(4)
CAT825ZSDI-G
CAT823YSDI-G
CAT824YSDI-G
(4)
CAT825YSDI-G
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) This device used in the above example is a CAT823LTDI -GT3 (4.63V, TSOT-23 5-Lead, Industrial Temperature, NiPdAu, Tape & Reel,
3,000/Reel,
(4) Contact factory for package availability.
Prefix
Device #
Suffix
CAT
823
L
TD
I
-G
T3
Optional
Company ID
Package
TD: TSOT-23 5-Lead
SD: SC-70 5-Lead
Temperature Range
I = In
dustrial (-40ºC to 85ºC)
Reset Threshold
Voltage
L: 4.63V
M: 4.38V
T: 3.08V
S: 2.93V
R: 2.63V
Z: 2.32V
Y: 2.19V
Product
Number
823
824
825
Tape & Reel
T: Tape & Reel
3: 3,000/Reel
Lead Finish
G:NiPdAu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com