Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2 Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # AM2
Description  Adhesive Mounts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

AM2 Datasheet(HTML) 3 Page - PANDUIT CORP.

  AM2 Datasheet HTML 1Page - PANDUIT CORP. AM2 Datasheet HTML 2Page - PANDUIT CORP. AM2 Datasheet HTML 3Page - PANDUIT CORP. AM2 Datasheet HTML 4Page - PANDUIT CORP. AM2 Datasheet HTML 5Page - PANDUIT CORP. AM2 Datasheet HTML 6Page - PANDUIT CORP. AM2 Datasheet HTML 7Page - PANDUIT CORP. AM2 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ELECTRICAL GROUP
Selection and Use of Adhesive Mounts
Product Information*
The following descriptions refer to the adhesive mount information chart which follows on the next page.
Part Number: The package code suffix must be added to each part number to determine quantity per
package. Refer to the current catalog or price sheets for suffix designations.
Dimensions: Given are over-all mount with adhesive dimensions; L = Base Length, W = Base Width,
H = Height
Adhesive Type: Refer to the adhesive information section for more details.
Cable Ties:
PANDUIT® mounts are designed to use PANDUIT ® cable ties. The respective size of tie is given.
Maximum Static Load: Values given are for shear and/or normal loading and optimal adhesion between
surfaces.
Normal Service Temperature Range: Given are the continuous use temperature ranges.
Maximum Intermittent Temperature: Given are values for time periods of less than two hours.
Minimum Installation Temperature: Values given are for the substrate temperature and/or ambient
temperature.
Dwell Time: Values given are time to allow mount to set before loading. Dwell time is increased when the
installation temperature is below minimum.
Mount Material: Given for each type of mount.
Screw Hole Size: Values are specified when applicable.
U.L. Recognized: Tested and recognized under the Underwriters’ Laboratories, Inc., component recognition
program.
*All product information is recommended values based on results of controlled laboratory tests. For specific applications, individual testing
prior to extensive use is suggested.
Surface Preparation
For best results,
PANDUIT adhesive mounts should be
applied to clean, dry, grease-free surfaces. It is
recommended that for each individual application a
solvent or cleanser be used to thoroughly prepare the
surface for mount installation to obtain best results. The
following are recommended guidelines:
1. For rubber and acrylic based foam tape adhesives,
isopropyl alcohol may be used on most surfaces.
2. For epoxy type adhesives, especially masonry
surfaces, be sure to clean all loose particles away
before mount installation. Some surface abrasion is
recommended to achieve maximum strength. A light
rubbing with medium grit emery cloth or sandpaper
is best. Wash after abrading.
Mount Spacing
To determine the number of mounts to use in a given
application, the following formula can be used as a
guideline:
Cable or weight (lbs./ft.)
Static Load rating of Mount (lbs/mt.)
= Spacing
Mounts
Ft.
(See pages 4-6 for static load rating of mounts)
For specific applications we recommend individual
testing prior to production use.
Proper Installation Techniques
Pressure Sensitive Adhesive Mounts
For proper installation of adhesive mounts with foam tape, simply remove the release liner from foam
adhesive and place the mount in the desired location. Apply firm pressure to the mount to insure proper
adhesion. Avoid touching the adhesive prior to placing the mount on the surface.
Clean surface with a
clean cloth and
isopropyl alcohol.
Allow surface to air dry.
Remove the release
liner, being caeful not
to touch the adhesive.
Apply full thumb
pressure for at least 5
seconds.
Allow mount to
properly dwell.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com