Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2 Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # AM2
Description  Adhesive Mounts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

AM2 Datasheet(HTML) 5 Page - PANDUIT CORP.

  AM2 Datasheet HTML 1Page - PANDUIT CORP. AM2 Datasheet HTML 2Page - PANDUIT CORP. AM2 Datasheet HTML 3Page - PANDUIT CORP. AM2 Datasheet HTML 4Page - PANDUIT CORP. AM2 Datasheet HTML 5Page - PANDUIT CORP. AM2 Datasheet HTML 6Page - PANDUIT CORP. AM2 Datasheet HTML 7Page - PANDUIT CORP. AM2 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ELECTRICAL GROUP
Selection and Use of Adhesive Mounts
*Tie Cross Section: M = Miniature
I = Intermediate
S = Standard
LH = Light Heavy
H = Heavy
**Static load is stated at 70° F (21°C). Static load at temperature minimums and maximums will be reduced.
•PANDUIT Part No: EMA Epoxy
Part
Number
Overall
Dimensions
L" x W" x H" (mm)
Adhesive
Type
Used
with
Cable
Tie*
Maximum
Static
Load
lb. (g)**
Normal
Service
Temp. °F
(°C)
Range
Recommended
Installation
Temp.
°F (°C)
Dwell
Time
(Hrs.)
Mount
Material
Screw
Hole
Size
U.L.
Recognized
ASMS-A
1.1 x 1.1 x .35
(28.6 x 28.6 x 8.9)
Epoxy•
M, I, S
10 (4540)
-40 to 180
(-40 to 82)
32 (0)
12
Nat. Nylon
& Aluminum
——
A1C12-A
0.77 x 0.63 x 0.23
(19.6 x 16.0 x 5.8)
Rubber Tape
—
.14 (64)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
A1C25-A
0.91 x .063 x 0.23
(23.1 x 16.0 x 9.7)
Rubber Tape
—
.14 (64)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
A1C38-A
1.04 x 0.63 x 0.51
(26.4 x 16.0 x 13.0)
Rubber Tape
—
.14 (64)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
A1C50-A
1.17 x 0.63 x .064
(29.7 x 16.0 x 16.3)
Rubber Tape
—
.14 (64)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
A2C12-A
1.3 x 0.63 x 0.23
(33.0 x 16.0 x 5.8)
Rubber Tape
—
.29 (131)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
A2C25-A
1.43 x 0.63 x 0.36
(36.3 x 16.0 x 9.1)
Rubber Tape
—
.29 (131)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
A2C38-A
1.56 x 0.63 x 0.49
(39.6 x 16.0 x 12.4)
Rubber Tape
—
.29 (131)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
A2C50-A
1.68 x 0.63 x 0.61
(42.7 x 16.0 x 15.5)
Rubber Tape
—
.29 (131)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
BEC38-A
1.46 x 1.24 x 0.52
(37.1 x 31.5 x 13.2)
Rubber Tape
—
.91 (411)
-20 to 120
(-29 to 49)
70 (21)
2
Natural
Nylon
—Yes
BEC62-A
1.46 x 1.24 x 0.79
(37.1 x 31.5 x 20.1)
Rubber Tape
—
.91 (411)
-20 to 120
(-29 to 49)
70 (21)
2
Natural
Nylon
—Yes
BEC75-A
1.46 x 1.49 x 0.89
(37.1 x 37.8 x 22.6)
Rubber Tape
—
1.09 (493)
-20 to 120
(-29 to 49)
70 (21)
2
Natural
Nylon
—Yes
EMS-A
1.0 x 1.0 x .26
(25.4 x 25.4 x 6.6)
Epoxy•
M, I, S
10 (4540)
-40 to 180
(-40 to 82)
32 (0)
12
Natural
Nylon
——
FCC-A
1.0 x 1.09 x .42
(25.4 x 27.7 x 10.7)
Rubber Tape
—
.5 (227)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
FCC5-A
1.0 x 0.56 x .28
(25.4 x 14.1 x 7.1)
Rubber Tape
—
.25 (113)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
FCM1-A
1.21 x 1.0 x .46
(30.7 x 25.4 x 11.7)
Rubber Tape
—
.5 (227)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
1 @ #6
(M3)
Yes
FCM1.2-A
1.37 x 1.0 x .46
(34.8 x 25.4 x 11.7)
Rubber Tape
—
.62 (281)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
1 @ #6
(M3)
Yes
FCM2-A
2.22 x 1.0 x .52
(56.4 x 25.4 x 13.2)
Rubber Tape
—
1 (454)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
2 @ #6
(M3)
Yes
FCM3.25-A
3.38 x 1.0 x .68
(85.9 x 25.4 x 17.3)
Rubber Tape
—
1.5 (681)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
2 @ #6
(M3)
Yes
LC3-A
.75 x .77 x .46
(19.1 x 19.6 x 11.7)
Rubber Tape
—
.28 (127)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
LC5-A
1.0 X 1.0 X .57
(25.4 X 25.4 X 14.5)
Rubber Tape
—
.5 (227)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
LC10-A
1.0 X 1.51 X .94
(25.4 X 38.4 X 23.9)
Rubber Tape
—
.6 (272)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
PVC
—Yes
LPFCM14-A
2.56 X 0.50 X 0.165
(65.0 X 12.7 X 4.2)
Rubber Tape
—
.25 (113)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
2 @#6
(M3)
Yes
LPFCM22-A
3.31 X 0.50 X 0.165
(84.1 X 12.7 X 4.2)
Rubber Tape
—
.25 (113)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
2 @ #6
(M3)
Yes
LPFCM34-A
4.65 X 0.50 X 0.165
(115.8 X 12.7 X 4.2)
Rubber Tape
—
.25 (113)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
2 @ #6
(M3)
Yes
LWC19-A
.61 x .85 x .39
(15.5 x 21.6 x 9.9)
Rubber Tape
—
.25 (113)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
—Yes
LWC25-A
1.0 X .88 X .45
(25.4 X 22.4 X 11.4)
Rubber Tape
—
.45 (204)
-20 to 120
(-29 to 49)
70 (21)
2
Gray
Nylon
—Yes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com