Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP300/E Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # MP300/E
Description  PXE™ SERIES Mobile Printer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP300/E Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button MP300/E Datasheet HTML 2Page - PANDUIT CORP. MP300/E Datasheet HTML 3Page - PANDUIT CORP. MP300/E Datasheet HTML 4Page - PANDUIT CORP. MP300/E Datasheet HTML 5Page - PANDUIT CORP. MP300/E Datasheet HTML 6Page - PANDUIT CORP. MP300/E Datasheet HTML 7Page - PANDUIT CORP. MP300/E Datasheet HTML 8Page - PANDUIT CORP. MP300/E Datasheet HTML 9Page - PANDUIT CORP. MP300/E Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Product Bulletin
Ordering Information
Marker Plate Label Cassettes
• Fast-loading PXE™ Label Cassette includes both label material and ribbon to
make changing labels easy
• Non-adhesive and halogen free; used to identify wires, cables, equipment, and
many other applications
• Designed for use on larger diameter wire/cables and may be applied after all
terminations are complete
• Attachable in horizontal or vertical orientation.
• Meets requirements for MIL-STD-202G, Method 215K, Soultion A, C and D
• Meets the outgassing requirements of ASTM E-595 suitable for use in air
handling spaces.
Part Number
Description
Printer Compatibility
Print-On
Area
Color
Width
Length
Print-On
Area Width
Recommended
Cable Tie
Labels
Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
In.
mm
In.
mm
Vertical
Horizontal
M300X050Y6M
PXE Cassette,
Marker plate,
polyester, 3.0"
W x .50" H,
Yellow
N
N
N
Y
Black on
Yellow
3.00 76.2 0.50 12.7 1.80 45.7 PLT2.5I-C
PLT2.5I-C
65
1
5
M300X050Y7M
PXE Cassette,
Marker plate,
polyester, 3.0"
W x .50" H,
White
N
N
N
Y
Black on
White
3.00 76.2 0.50 12.7 1.80 45.7 PLT2.5I-C
PLT2.5I-C
65
1
5
Representative offering only, visit
www.panduit.com for complete listing of products.
Polyester/Polyolefin
(Y6, Y7)
-40°F to 180°F
(-40°C to 82°C)
MP300
PXE™ Series Mobile Printer
Like what you see and want more?
Visit
www.panduit.com/mobileprinters for the full offering
of Panduit products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com