Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP300/E Datasheet(PDF) 12 Page - PANDUIT CORP.

Part # MP300/E
Description  PXE™ SERIES Mobile Printer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP300/E Datasheet(HTML) 12 Page - PANDUIT CORP.

Back Button MP300/E Datasheet HTML 4Page - PANDUIT CORP. MP300/E Datasheet HTML 5Page - PANDUIT CORP. MP300/E Datasheet HTML 6Page - PANDUIT CORP. MP300/E Datasheet HTML 7Page - PANDUIT CORP. MP300/E Datasheet HTML 8Page - PANDUIT CORP. MP300/E Datasheet HTML 9Page - PANDUIT CORP. MP300/E Datasheet HTML 10Page - PANDUIT CORP. MP300/E Datasheet HTML 11Page - PANDUIT CORP. MP300/E Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Product Bulletin
Mobile Printers – Competitive Comparison
PXE SERIES
Competitive comparison based on published specifications.
MP300
PXE™ Series Mobile Printer
MP300
MP200
MP100
MP75
FEATURES
MP300
Brady BMP41
Brother PT-E550
Dymo XTL300
Label Width Up To
1.5 in.
1.0 in.
1.0 in.
1.0 in.
Label Offering
HHHHH
HHHHH
HHH
HH
Print Resolution
360 dpi
300 dpi
180 dpi
300 dpi
Print Speed
1.4 lps
1.3 lps
1.2 lps
NA
Cutter
Automatic:
Full and Half Cutting
Manual
Automatic: Full Cutting
Manual
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
PANDUIT US/CANADA
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
Phone: 44.20.8601.7200
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
Phone: 65.6305.7575
PANDUIT JAPAN
Tokyo, Japan
Phone: 81.3.6863.6000
PANDUIT LATIN AMERICA
Guadalajara, Mexico
Phone: 52.33.3777.6000
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
Phone: 61.3.9794.9020
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
For more information
Visit us at www.panduit.com
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
©2023 Panduit Corp.
ALL RIGHTS RESERVED.
IDCB91-SA-ENG
4/2023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com