Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-BATT Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # MP-BATT
Description  PXE™ SERIES Mobile Printer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP-BATT Datasheet(HTML) 7 Page - PANDUIT CORP.

Back Button MP-BATT Datasheet HTML 3Page - PANDUIT CORP. MP-BATT Datasheet HTML 4Page - PANDUIT CORP. MP-BATT Datasheet HTML 5Page - PANDUIT CORP. MP-BATT Datasheet HTML 6Page - PANDUIT CORP. MP-BATT Datasheet HTML 7Page - PANDUIT CORP. MP-BATT Datasheet HTML 8Page - PANDUIT CORP. MP-BATT Datasheet HTML 9Page - PANDUIT CORP. MP-BATT Datasheet HTML 10Page - PANDUIT CORP. MP-BATT Datasheet HTML 11Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Product Bulletin
Non-Laminated Label Cassettes
• Fast-loading Label Cassette includes both label material and ribbon to make
changing labels easy
• Non-laminated adhesive labels for wire/cable identification
Continuous Nylon Cloth Tape
Die-Cut Nylon Cloth Labels
Nylon Cloth
(C1M)
-65°F to 275°F
(-54°C to 135°C)
Representative offering only, visit www.panduit.com for complete listing of products.
Part Number
Description
Printer Compatibility
Print-On
Area
Color
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
Ft.
m
T050X000C1M-BK
MP Cassette, Continuous Tape, Nylon Cloth,
0.50" W x 19' L, Black on White
Y
N
Y
Y
Black on
White
0.465
11.82
19
6
1
5
T075X000C1M-BK
MP Cassette, Continuous Tape, Nylon Cloth,
0.75" W x 19' L, Black on White
0.702
17.82
T100X000C1M-BK
MP Cassette, Continuous Tape, Nylon Cloth,
1.00" W x 19' L, Black on White
N
0.938
23.82
Part Number
Description
Printer Compatibility
Print-
On
Area
Color
Width
Length
Min. Cable
O.D.
Max. Wire
O.D.
Wire
Range
Labels
Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In.
mm
In.
mm
In.
mm
In.
mm
N050X075C1M
PXE Cassette, Comp Label,
Adhesive Nylon Cloth,
0.50" W x .75" H, White
N
N
N
Y
Black
on
White
0.50 12.7
0.75 19.1 0.12 3.1 0.16 4.1
12 - 10
AWG
275
1
5
N100X075C1M
PXE Cassette, Comp Label,
Adhesive Nylon Cloth,
1.00" W x .75" H, White
1.00 25.4
N100X125C1M
PXE Cassette, Comp Label,
Adhesive Nylon Cloth,
1.00" W x 1.25" H, White
1.25 31.8 0.2
5.1 0.32 8.1
10 - 6
AWG
180
Ordering Information
MP300
PXE™ Series Mobile Printer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com