Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-BATT Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # MP-BATT
Description  PXE™ SERIES Mobile Printer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP-BATT Datasheet(HTML) 8 Page - PANDUIT CORP.

Back Button MP-BATT Datasheet HTML 4Page - PANDUIT CORP. MP-BATT Datasheet HTML 5Page - PANDUIT CORP. MP-BATT Datasheet HTML 6Page - PANDUIT CORP. MP-BATT Datasheet HTML 7Page - PANDUIT CORP. MP-BATT Datasheet HTML 8Page - PANDUIT CORP. MP-BATT Datasheet HTML 9Page - PANDUIT CORP. MP-BATT Datasheet HTML 10Page - PANDUIT CORP. MP-BATT Datasheet HTML 11Page - PANDUIT CORP. MP-BATT Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Product Bulletin
Ordering Information
Part Number
Description
Shrink
Ratio
Mil
Spec
Printer Compatibility
Ribbon &
Material
Color
Width
Length
Min.
Cable O.D.
Max.
Cable O.D.
Wire/
Cable
Size
Range
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
MP75 MP100 MP200 MP300
In. mm Ft.
m
In. mm
In.
mm
H000X025H1M
MP Cassette, Continuous
Heat Shrink Tubing, Mil
Grade Polyolefin,
.25" W x 8' L, White
3:1
Y
Y
Y
Y
Y
Black on
White
0.27 6.8
8.2 2.5
0.06 1.4
0.16 4.1 22 - 18
AWG
1
5
H000X025H2M
MP Cassette, Continuous
Heat Shrink Tubing, Mil
Grade Polyolefin,
.25" W x 8' L, Yellow
Black on
Yellow
H000X034H1M
MP Cassette, Continuous
Heat Shrink Tubing, Mil
Grade Polyolefin,
.34" W x 8' L, White
Black on
White
0.37 9.3
0.07 1.9
0.22 5.7 18 - 12
AWG
H000X034H2M
MP Cassette, Continuous
Heat Shrink Tubing, Mil
Grade Polyolefin,
.34" W x 8' L, Yellow
Black on
Yellow
H000X044H1M
MP Cassette, Continuous
Heat Shrink Tubing, Mil
Grade Polyolefin,
.44" W x 8' L, White
N
Black on
White
0.48 12.3
0.09 2.4
0.3
7.6
16 - 8
AWG
H000X044H2M
MP Cassette, Continuous
Heat Shrink Tubing, Mil
Grade Polyolefin,
.44" W x 8' L, Yellow
Black on
Yellow
H000X064HPM
MP Cassette, 2:1
Continuous Heat Shrink
Tubing, Polyolefin,
.64" W x 8' L, White
2:1
N
Black on
White
0.71 18.0
0.21 5.3
0.43 10.9
8 - 2
AWG
H000X064HXM
MP Cassette, 2:1
Continuous Heat Shrink
Tubing, Polyolefin,
.64" W x 8' L, Yellow
Black on
Yellow
H000X084HPM
MP Cassette, 2:1
Continuous Heat Shrink
Tubing, Polyolefin,
.84" W x 8' L, White
Black on
White
0.87 22.5
0.32 8.1
0.54 13.7
4 - 1
AWG
H000X084HXM
MP Cassette, 2:1
Continuous Heat Shrink
Tubing, Polyolefin,
.84" W x 8' L,Yellow
Black on
Yellow
H000X134HPM
MP Cassette, 2:1
Continuous Heat Shrink
Tubing, Polyolefin,
1.34" W x 8' L,White
N
N
Black on
White
1.34 34.0
0.43 10.9 0.79 20.1
1 - 250
MCM
AWG
H000X134HXM
MP Cassette, 2:1
Continuous Heat Shrink
Tubing, Polyolefin,
1.34" W x 8' L,Yellow
Black on
Yellow
Representative offering only, visit
www.panduit.com for complete listing of products.
MP300
PXE™ Series Mobile Printer
Continuous Heat Shrink Labels
• Fast-loading Label Cassette includes both label material and ribbon to make
changing labels easy
• Non-adhesive flattened heat shrinkable polyolefin for wire/cable identification
Heat Shrinkable Polyolefin
3:1 Heat Shrink Ratio (H1, H2)
Heat Shrinkable Polyolefin
2:1 Heat Shrink Ratio (HP, HX)
-40°F to 257°F
(-40°C to 125°C)
-67°F to 257°F
(-55°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com