Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4002 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4002
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4002 Datasheet HTML 9Page - Analog Devices AD4002 Datasheet HTML 10Page - Analog Devices AD4002 Datasheet HTML 11Page - Analog Devices AD4002 Datasheet HTML 12Page - Analog Devices AD4002 Datasheet HTML 13Page - Analog Devices AD4002 Datasheet HTML 14Page - Analog Devices AD4002 Datasheet HTML 15Page - Analog Devices AD4002 Datasheet HTML 16Page - Analog Devices AD4002 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 13 of 39
96
84
86
88
90
92
94
15.6
13.6
14.6
14.4
14.2
14.0
13.8
14.8
15.0
15.2
15.4
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
ENOB
SINAD
SNR
Figure 17. SNR, SINAD, and Effective Number of Bits (ENOB) vs. Input
Frequency
96
88
89
90
91
92
93
94
95
15.6
14.4
14.6
14.8
15.0
15.2
15.4
2.4
2.7
3.3
3.9
4.5
3.0
3.6
4.2
4.8
5.1
REFERENCE VOLTAGE (V)
ENOB
SINAD
SNR
Figure 18. SNR, SINAD, and ENOB vs. Reference Voltage, fIN = 1 kHz
95.8
93.8
94.2
94.6
94.0
94.4
94.8
95.0
95.2
95.4
95.6
15.60
15.25
15.35
15.30
15.40
15.45
15.50
15.55
–40
–20
20
60
100
040
80
120
TEMPERATURE (°C)
ENOB
SINAD
SNR
Figure 19. SNR, SINAD, and ENOB vs. Temperature, fIN = 1 kHz
–80
–125
–120
–115
–105
–95
–85
–110
–100
–90
124
104
114
112
110
108
106
116
118
120
122
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
THD
SFDR
Figure 20. THD and SFDR vs. Input Frequency
–107
–125
–123
–119
–121
–117
–115
–113
–111
–109
124
117
119
118
120
121
122
123
2.4
2.7
3.3
3.9
4.5
4.8
3.0
3.6
4.2
5.1
REFERENCE VOLTAGE (V)
THD
SFDR
Figure 21. THD and SFDR vs. Reference Voltage, fIN = 1 kHz
–104
–122
–120
–116
–118
–114
–112
–110
–108
–106
128
119
122
123
121
120
124
125
126
127
–40
–20
20
60
100
040
80
120
TEMPERATURE (°C)
THD
SFDR
Figure 22. THD and SFDR vs. Temperature, fIN = 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com