Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4002 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4002
Description  18-Bit, 2 MSPS/1 MSPS/500 kSPS, Precision, Pseudo Differential, SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4002 Datasheet HTML 25Page - Analog Devices AD4002 Datasheet HTML 26Page - Analog Devices AD4002 Datasheet HTML 27Page - Analog Devices AD4002 Datasheet HTML 28Page - Analog Devices AD4002 Datasheet HTML 29Page - Analog Devices AD4002 Datasheet HTML 30Page - Analog Devices AD4002 Datasheet HTML 31Page - Analog Devices AD4002 Datasheet HTML 32Page - Analog Devices AD4002 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Data Sheet
AD4002/AD4006/AD4010
Rev. A | Page 29 of 39
STATUS BITS
A set of six optional status bits can be appended to the end of
each conversion result. The status bits allow the digital host to
check the state of the input overvoltage protection circuit and
verify that the ADC features are configured correctly without
interrupting conversions. The status bits are enabled when the
status bits enable field in the configuration register is set to 1
(see the Configuration Register Details section). Table 15 shows
a description of each status bit.
When enabled, the status bits are clocked out MSB first starting
on the SCK falling edge immediately following the LSB of the
conversion result. The SDO line returns to high impedance
after the sixth status bit is clocked out (except in daisy-chain
mode). The user is not required to clock out all status bits to
start the next conversion. For example, if the digital host needs
to monitor the OV clamp flag but also needs to minimize the
SCK frequency, the remaining status bits can be ignored to limit
the number of SCK pulses required per conversion period.
When using multiple AD4002/AD4006/AD4010 devices in
daisy-chain mode, however, all six status bits must be clocked
out for each connected device.
Figure 50 shows the serial interface timing for CS mode, 3-wire
without busy indicator with all six status bits clocked out.
Table 15. Status Bit Descriptions
Bit
Bit Name
Description
5
OV clamp flag
Indicates the state of the OV clamp
flag in the configuration register.
4
Span compression
Indicates the state of the span
compression enable field in the
configuration register.
3
High-Z mode
Indicates the state of the High-Z
mode enable field in the
configuration register.
2
Turbo mode
Indicates the state of the turbo mode
enable field in the configuration
register.
[1:0]
Reserved
Reserved.
SDO
D17
D16
D15
D1
D0
SCK
12
3
16
17
18
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CN V
CONVERSION
ACQUISITION
tCYC
ACQUISITION
SDI = 1
tCNVH
ACQ
tEN
23
24
tQUIET2
STATUS BITS B5 to B0
B1
tDIS
B0
22
tCONV
Figure 50. CS Mode, 3-Wire Without Busy Indicator Serial Interface Timing Diagram, Including Status Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com