Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ100-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5273BRJZ100-R7
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ100-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5273BRJZ100-R7 Datasheet HTML 6Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 7Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 8Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 9Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 10Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 11Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 12Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 13Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5273
Data Sheet
Rev. J | Page 10 of 20
Figure 15. Rheostat Mode Tempco (∆RWB/RWB)/∆T vs. Code
Figure 16. Potentiometer Mode Tempco (∆VW/VW)/∆T vs. Code
Figure 17. Gain vs. Frequency vs. Code, RAB = 1 kΩ
Figure 18. Gain vs. Frequency vs. Code, RAB = 10 kΩ
Figure 19. Gain vs. Frequency vs. Code, RAB = 50 kΩ
Figure 20. Gain vs. Frequency vs. Code, RAB = 100 kΩ
CODE (Decimal)
500
400
300
200
100
–300
0
64
8
16
24
32
40
48
56
0
–100
–200
VDD = 5.5V
TA = 25°C
1k
Ω
100k
Ω
50k
Ω
10k
Ω
CODE (Decimal)
40
30
20
10
0
–40
0
64
8
16
24
32
40
48
56
–10
–20
–30
VDD = 5.5V
1kΩ
10kΩ
10kΩ
10kΩ
FREQUENCY (Hz)
0
–6
–12
–24
–18
–54
100
10M
1k
10k
100k
1M
–30
–42
–36
–48
0x3F
0x20
0x10
0x08
0x02
0x01
0x00
0x04
FREQUENCY (Hz)
0
–6
–12
–24
–18
–54
100
1M
1k
10k
100k
–30
–42
–36
–48
0x3F
0x20
0x10
0x08
0x04
0x02
0x01
0x00
FREQUENCY (Hz)
0
–6
–12
–24
–18
–54
100
1M
1k
10k
100k
–30
–42
–36
–48
0x3F
0x20
0x10
0x08
0x04
0x02
0x01
0x00
FREQUENCY (Hz)
0
–6
–12
–24
–18
–54
100
1M
1k
10k
100k
–30
–42
–36
–48
0x3F
0x20
0x10
0x08
0x04
0x02
0x01
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com