Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5273BRJZ100-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5273BRJZ100-R7
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273BRJZ100-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5273BRJZ100-R7 Datasheet HTML 10Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 11Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 12Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 13Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 14Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 15Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 16Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 17Page - Analog Devices AD5273BRJZ100-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5273
Data Sheet
Rev. J | Page 14 of 20
VARIABLE RESISTANCE AND VOLTAGE FOR
RHEOSTAT MODE
If only the W-to-B or W-to-A terminals are used as variable
resistors, the unused A or B terminal can be opened or shorted
with W. This operation is called rheostat mode (see Figure 33).
Figure 33. Rheostat Mode Configuration
The nominal resistance, RAB, of the RDAC has 64 contact points
accessed by the wiper terminal, plus the B terminal contact if RWB is
considered. The 6-bit data in the RDAC latch is decoded to select
one of the 64 settings. Assuming that a 10 kΩ part is used, the
wiper’s first connection starts at Terminal B for Data Register 0x00.
This connection yields a minimum of 60 Ω resistance between
Terminal W and Terminal B because of the 60 Ω wiper contact
resistance. The second connection is the first tap point, which
corresponds to 219 Ω (RW = 1 × RAB/63 + RW) for Data Register
0x01, and so on. Each LSB data value increase moves the wiper
up the resistor ladder until the last tap point is reached at 10,060 Ω
(63 × RAB/63 + RW). Figure 34 shows a simplified diagram of the
equivalent RDAC circuit. The general equation determining RWB is

W
AB
WB
R
R
D
D
R
63
(1)
where:
D is the decimal equivalent of the 6-bit binary code.
RAB is the end-to-end resistance.
RW is the wiper resistance contributed by the on resistance of
the internal switch.
Table 4. RWB vs. Codes; RAB = 10 kΩ; Terminal A Opened
D (Dec)
RWB (Ω)
Output State
63
10,060
Full scale (RAB + RW)
32
5139
Midscale
1
219
1 LSB
0
60
Zero scale (wiper contact resistance)
Because a finite wiper resistance of 60 Ω is present in the zero-
scale condition, care should be taken to limit the current flow
between W and B in this state to a maximum pulse current of
20 mA. Otherwise, degradation or possible destruction of the
internal switch contact can occur.
Similar to the mechanical potentiometer, the resistance of the
RDAC between the Wiper W and Terminal A also produces a
complementary resistance, RWA. When these terminals are used,
Terminal B can be opened or shorted to W. Setting the resistance
value for RWA starts at a maximum value of resistance and
decreases as the data loaded in the latch increases in value.
The general equation for this operation is

W
AB
WA
R
R
D
D
R
63
63
(2)
Table 5. RWA vs. Codes; RAB =10 kΩ; Terminal B Opened
D (Dec)
RWA (Ω)
Output State
63
60
Full scale
32
4980
Midscale
1
9901
1 LSB
0
10,060
Zero scale
The typical distribution of the resistance tolerance from device
to device is process-lot dependent, and it is possible to have
±30% tolerance.
Figure 34. AD5273 Equivalent RDAC Circuit
VARIABLE RESISTANCE AND VOLTAGE FOR
POTENTIOMETER MODE
If all three terminals are used, the operation is called the
potentiometer mode. The most common configuration is
the voltage divider operation (see Figure 35).
Figure 35. Potentiometer Mode Configuration
Ignoring the effect of the wiper resistance, the transfer function
is simply

A
W
V
D
D
V
63
(3)
A more accurate calculation, which includes the wiper
resistance effect, yields

A
W
AB
W
AB
W
V
R
R
R
R
D
D
V
2
63
(4)
Unlike rheostat mode where the absolute tolerance is high,
potentiometer mode yields an almost ratiometric function of
D/63 with a relatively small error contributed by the RW terms.
Therefore, the tolerance effect is almost cancelled. Although the
A
W
B
A
W
B
A
W
B
D5
D4
D3
D2
D1
D0
RDAC
LATCH
AND
DECODER
RS
RS
RS
A
W
B
A
VI
W
B
VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com