Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2903 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD2903
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2903 Datasheet(HTML) 7 Page - STMicroelectronics

  SD2903 Datasheet HTML 1Page - STMicroelectronics SD2903 Datasheet HTML 2Page - STMicroelectronics SD2903 Datasheet HTML 3Page - STMicroelectronics SD2903 Datasheet HTML 4Page - STMicroelectronics SD2903 Datasheet HTML 5Page - STMicroelectronics SD2903 Datasheet HTML 6Page - STMicroelectronics SD2903 Datasheet HTML 7Page - STMicroelectronics SD2903 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.45
4.70
0.175
0.185
B
1.40
1.65
0.055
0.065
C
11.94
12.95
0.470
0.510
D
5.72
6.10
0.225
0.240
E
2.92
0.115
F
18.29
18.54
0.720
0.730
G
24.64
24.89
0.970
0.980
H
9.02
9.27
0.355
0.365
I
0.10
0.15
0.004
0.006
J
3.18
3.43
0.125
0.135
K
4.06
4.32
0.160
0.170
L
5.84
6.60
0.230
0.260
1008194C
M229 (.230 x .360 WIDE 4L BAL N/HERM W/FLG) MECHANICAL DATA
Controlling dimension : Inches
SD2903
7/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com