Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2903 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD2903
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2903 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2903 Datasheet HTML 1Page - STMicroelectronics SD2903 Datasheet HTML 2Page - STMicroelectronics SD2903 Datasheet HTML 3Page - STMicroelectronics SD2903 Datasheet HTML 4Page - STMicroelectronics SD2903 Datasheet HTML 5Page - STMicroelectronics SD2903 Datasheet HTML 6Page - STMicroelectronics SD2903 Datasheet HTML 7Page - STMicroelectronics SD2903 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
13
18
23
28
0
10
20
30
40
VDD, SUPPLY VOLTAGE (VOLTS)
Pin = 1.2 W
Pin = .6 W
Pin = .3 W
IDQ = 100 mA
f = 400 MHz
GC83830
Output Power vs Input Power
0.05
0.45
0.85
1.25
0
10
20
30
40
Pin, INPUT POWER (W)
Vdd = 28 V
Vdd = 13.5 V
Tc=25
°C
f = 400 MHz
IDQ = 100 mA
GC83810
Output Power vs Input Power
0.05
0.45
0.85
1.25
0
10
20
30
40
50
Pin, INPUT POWER (W)
T = -20
°C
T= 25
° C
T=80
°C
IDQ = 100 mA
VDD = 28 V
f = 400 MHz
GC83820
Output Power vs Voltage Supply
Output Power vs Gate Voltage
345
67
0
10
20
30
40
VGS, GATE-SOURCE VOLTAGE (VOLTS)
VDD = 28V
IDQ = 100mA
f = 400MHz
Pin = Constant
GC83840
T= 25 ºC
T= 80 ºC
T=-20 ºC
Power Gain vs Output Power
0
1020
3040
14
16
18
20
Pout, OUTPUT POWER (W)
Tc = 25
°C
f = 400 MHz
IDQ = 100 mA
GC83850
Efficiency vs Output Power
0
1020
3040
10
20
30
40
50
60
Pout, OUTPUT POWER (W)
Tc= 25
°C
f = 400 MHz
IDQ = 100 mA
GC83860
TYPICAL PERFORMANCE
SD2903
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com