Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU21180FS Datasheet(PDF) 1 Page - Rohm

Part # BU21180FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21180FS Datasheet(HTML) 1 Page - Rohm

  BU21180FS Datasheet HTML 1Page - Rohm BU21180FS Datasheet HTML 2Page - Rohm BU21180FS Datasheet HTML 3Page - Rohm BU21180FS Datasheet HTML 4Page - Rohm BU21180FS Datasheet HTML 5Page - Rohm BU21180FS Datasheet HTML 6Page - Rohm BU21180FS Datasheet HTML 7Page - Rohm BU21180FS Datasheet HTML 8Page - Rohm BU21180FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
1/40
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
TSZ02201-0L5L0F300930-1-2
06.Aug.2018 Rev.002
Capacitive Switch Controller ICs
Capacitive Switch Controller IC
BU21180FS
General Description
BU21180FS is a capacitive switch controller for switch
operation. This IC uses changes in capacitance to detect
Switch ON / OFF / Long Press.
Features
20 Capacitive Sensor Ports.
Switch ON / OFF / Long Press Detection.
Information by Interrupt Terminal.
Noise Calibration Function.
Drift Calibration Function.
Switch Detection Time Function.
2-wire Serial Bus Interface.
Single Power Supply.
Applications
Office Automation Appliance as Printer.
AV Appliance as TV and HDD Recorder.
Home Appliance as Air Conditioner, Refrigerator
and Rice Cooker.
Electrical Equipment with Multiple Switches.
Key Specifications
 Power Supply Voltage Range:
3.0V to 5.5V
 Operating Temperature Range:
-25°C to +85°C
 Operating Current:
3.5mA(Typ)
Package
W(Typ) x D(Typ) x H(Max)
SSOP-A32
13.60mm x 7.80mm x 2.01mm
Typical Application Circuit
2.2
μF
0.1
μF
1.0
μF
4.7
μF
1
16
17
32
VSS
SDA
SCL
ADDR
NC
TEST1
TEST2
CS19
CS18
CS17
CS16
CS15
CS14
CS13
CS12
VDD
RSTB
DVDD
AVDD
CS0
CS1
CS2
CS3
CS4
CS5
CS6
CS7
CS8
CS9
CS10
CS11
HOST
INTB
VDD
Sensor Electrode
VDD
VDD VDD
(Note 1)
(Note 2)
(Note 1) The pull-up resistors must be connected to VDD.
Choose the value of the pull-up resistors so as to meet 2-wire Serial Bus Interface Electrical Characteristics.
(Note 2) For noise protection, choose the value of the resistors by evaluation.
Figure 1. Typical Application Circuit
SSOP-A32
Datasheet


Similar Part No. - BU21180FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
Capacitive Switch Controller IC
More results

Similar Description - BU21180FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21008MUV ROHM-BU21008MUV Datasheet
698Kb / 17P
Capacitive Sensor Switch Control IC
BU21010MUV ROHM-BU21010MUV Datasheet
342Kb / 15P
Capacitive Sensor Switch Control IC
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
Capacitive Sensor Switch Control IC
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
Capacitive Switch Controller IC
18.Dec.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com