Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU21180FS Datasheet(PDF) 31 Page - Rohm

Part # BU21180FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21180FS Datasheet(HTML) 31 Page - Rohm

Back Button BU21180FS Datasheet HTML 27Page - Rohm BU21180FS Datasheet HTML 28Page - Rohm BU21180FS Datasheet HTML 29Page - Rohm BU21180FS Datasheet HTML 30Page - Rohm BU21180FS Datasheet HTML 31Page - Rohm BU21180FS Datasheet HTML 32Page - Rohm BU21180FS Datasheet HTML 33Page - Rohm BU21180FS Datasheet HTML 34Page - Rohm BU21180FS Datasheet HTML 35Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
31/40
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21180FS
TSZ02201-0L5L0F300930-1-2
06.Aug.2018 Rev.002
0xD5-0xD6: Mask Interrupt Factor
Name:
MSK_INTERRUPT_CFG
Address:
0xD5-0xD6
Description:
These registers are for masking the interrupt of the register
“Interrupt Factor”. In the case mask is set to 1,
Interrupt is not reflected to the register
“Interrupt Factor”.
0: Interrupt is not masked
1: Interrupt is masked
MSK_INT_FINCAL
: Mask Software Calibration Completion Interrupt
In the case this bit is set to 1, interrupt is not reflected to the bit
“INT_FINCAL” in the register
“Interrupt Factor”.
MSK_INT_FALCAL
: Mask Software Calibration Failure Interrupt
In the case this bit is set to 1, interrupt is not reflected to the bit
“INT_FALCAL” in the register
“Interrupt Factor”.
MSK_INT_NOISE
: Mask Noise Detection Interrupt
In the case this bit is set to 1, interrupt is not reflected to the bit
“INT_NOISE” in the register
“Interrupt Factor”.
MSK_INT_AVDDON
: Mask AVDD ON Detection Interrupt
In the case this bit is set to 1, interrupt is not reflected to the bit
“INT_AVDDON” in the register
“Interrupt Factor”.
MSK_INT_AVDDOFF
: Mask AVDD OFF Detection Interrupt
In the case this bit is set to 1 interrupt is not reflected to the bit
“INT_AVDDOFF” in the
register
“Interrupt Factor”.
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xD5
R/W
0x00
MSK_INT
_NOISE
-
-
-
MSK_INT
FALCAL
MSK_INT
FINCAL
-
-
0xD6
R/W
0x00
-
-
-
-
-
-
MSK_INT
AVDDOFF
MSK_INT
AVDDON
0xD7-0xD9: Mask Switch ON Detection
Name:
MSK_DET_ON_CFG
Address:
0xD7-0xD9
Description:
These register are for masking the interrupt of the register
“Switch ON Detection”. If these bits are set to 1,
interrupt is not reflected to the register
“Switch ON Detection”.
0: Interrupt is not masked
1: Interrupt is masked
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xD7
R/W
0x00
MSK_DET
_ON_CS7
MSK_DET
_ON_CS6
MSK_DET
_ON_CS5
MSK_DET
_ON_CS4
MSK_DET
_ON_CS3
MSK_DET
_ON_CS2
MSK_DET
_ON_CS1
MSK_DET
_ON_CS0
0xD8
R/W
0x00
MSK_DET
_ON_CS15
MSK_DET
_ON_CS14
MSK_DET
_ON_CS13
MSK_DET
_ON_CS12
MSK_DET
_ON_CS11
MSK_DET
_ON_CS10
MSK_DET
_ON_CS9
MSK_DET
_ON_CS8
0xD9
R/W
0x00
-
-
-
-
MSK_DET
_ON_CS19
MSK_DET
_ON_CS18
MSK_DET
_ON_CS17
MSK_DET
_ON_CS16
0xDA-0xDC: Mask Switch OFF Detection
Name:
MSK_DET_OFF_CFG
Address:
0xDA-0xDC
Description:
These register are for masking the interrupt of the register
“Switch OFF Detection”. If these bits are set to 1,
interrupt is not reflected to the register
“Switch OFF Detection”.
0: Interrupt is not masked
1: Interrupt is masked
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xDA
R/W
0x00
MSK_DET
_OFF_CS7
MSK_DET
_OFF_CS6
MSK_DET
_OFF_CS5
MSK_DET
_OFF_CS4
MSK_DET
_OFF_CS3
MSK_DET
_OFF_CS2
MSK_DET
_OFF_CS1
MSK_DET
_OFF_CS0
0xDB
R/W
0x00
MSK_DET
_OFF_CS15
MSK_DET
_OFF_CS14
MSK_DET
_OFF_CS13
MSK_DET
_OFF_CS12
MSK_DET
_OFF_CS11
MSK_DET
_OFF_CS10
MSK_DET
_OFF_CS9
MSK_DET
_OFF_CS8
0xDC
R/W
0x00
-
-
-
-
MSK_DET
_OFF_CS19
MSK_DET
_OFF_CS18
MSK_DET
_OFF_CS17
MSK_DET
_OFF_CS16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com