Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX4S953LP Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEX4S953LP
Description  4-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Serial DB9 - 16950 UART - Low Profile Expansion Card - Windows/Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX4S953LP Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEX4S953LP Datasheet HTML 1Page - StarTech.com Ltd. PEX4S953LP Datasheet HTML 2Page - StarTech.com Ltd. PEX4S953LP Datasheet HTML 3Page - StarTech.com Ltd. PEX4S953LP Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Performance
Serial Protocol
RS-232
Max Baud Rate
921.6 Kbps
Data Bits
5, 6, 7, 8, 9
FIFO
256 Bytes
Flow Control
None, Xon/Xoff, RTS/CTS
Parity
None, Odd, Even, Space, Mark
Stop Bits
1, 1.5, 2
MTBF
214,358 hours
Connector(s)
Connector Type(s)
1 - PCI Express x1
Internal Ports
1 - LP4 (4 pin; Large Drive Power)
External Ports
4 - DB-9 (9 pin, D-Sub)
Software
OS Compatibility
Windows 7, 8, 8.1, 10, 11
Windows Server 2003, 2008 R2, 2012, 2012 R2, 2016
Linux 2.4.x and up - <i>LTS Versions only</i>
Microsoft WHQL Certified
Yes
Special Notes /
Requirements
Note
Selectable power output on pin 9 of the serial port
Environmental
Operating Temperature
-10C to 80C (14F to 176F)
Storage Temperature
-20C to 100C (-4F to 212F)
Humidity
5~85% RH
Physical
Characteristics
Color
Green
Material
Steel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com