Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX4S953LP Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # PEX4S953LP
Description  4-port PCI Express RS232 Serial Adapter Card - PCIe RS232 Serial Host Controller Card - PCIe to Serial DB9 - 16950 UART - Low Profile Expansion Card - Windows/Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX4S953LP Datasheet(HTML) 4 Page - StarTech.com Ltd.

  PEX4S953LP Datasheet HTML 1Page - StarTech.com Ltd. PEX4S953LP Datasheet HTML 2Page - StarTech.com Ltd. PEX4S953LP Datasheet HTML 3Page - StarTech.com Ltd. PEX4S953LP Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Cable Length
11.8 in [30 cm]
Product Length
2.5 in [6.3 cm]
Product Width
3.0 in [7.5 cm]
Product Height
0.7 in [1.8 cm]
Weight of Product
9.3 oz [264.0 g]
Packaging
Information
Package Quantity
1
Package Length
5.9 in [149.0 mm]
Package Width
8.4 in [213.0 mm]
Package Height
2.0 in [51.0 mm]
Shipping (Package)
Weight
13.1 oz [370.0 g]
What's in the Box
Included in Package
1 - 4-Port Low Profile Serial Card
1 - 12 in [30 cm] 4-Port DB44 to DB9 Break-out Cable
1 - Low Profile Bracket (Installed)
1 - Full Profile Bracket
1 - Quick-Start Guide
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com