Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA-1CH-LED-TESTER-USB Datasheet(PDF) 7 Page - Intelligent LED Solutions

Part # ILA-1CH-LED-TESTER-USB
Description  OSLON® Black 1 PowerStar IR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

ILA-1CH-LED-TESTER-USB Datasheet(HTML) 7 Page - Intelligent LED Solutions

  ILA-1CH-LED-TESTER-USB Datasheet HTML 1Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 2Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 3Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 4Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 5Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 6Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 7Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 8Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 9Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW
Telephone: +44 (0)1635 294606 Email: info@i-led.co.uk Web: www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
7
OSLON® 1 PowerStar IR Power Supply Options
ILS has a comprehensive range of standard Power Supplies. Additional Power Supplies are being introduced so please
call us or check our website for the latest offering.
ILS Driver Part Number
Rating (Watts) Current (mA)
Forward Voltage
ILA-1CH-LED-TESTER-USB-01
1.75W
50-350mA
5V
ILA-1CH-LED-TESTER-PREC-01
16W
10-700mA
2-20V
IZC035-004F-4065C-SAL
4W
350mA
3-12V
IZC070-004F-4065C-SAL
4W
700mA
2-6V
IZC035-008F-5065C-SA
8W
350mA
3-36V
IZC070-008F-5065C-SA
8W
700mA
3-12V
IZC035-017F-0067A-SA
17W
350mA
6-48V
IZC035-018T-9500A-SX
18W
350mA
15-52V
IZC050-018T-9500A-SX
18W
500mA
9-36V
IZC070-018T-9500A-SX
18W
700mA
6-26V
IZC070-035F-0067C-SA
35W
700mA
9-48V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com