Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA-1CH-LED-TESTER-USB Datasheet(PDF) 9 Page - Intelligent LED Solutions

Part # ILA-1CH-LED-TESTER-USB
Description  OSLON® Black 1 PowerStar IR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

ILA-1CH-LED-TESTER-USB Datasheet(HTML) 9 Page - Intelligent LED Solutions

  ILA-1CH-LED-TESTER-USB Datasheet HTML 1Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 2Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 3Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 4Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 5Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 6Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 7Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 8Page - Intelligent LED Solutions ILA-1CH-LED-TESTER-USB Datasheet HTML 9Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW
Telephone: +44 (0)1635 294606 Email: info@i-led.co.uk Web: www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
9
Product
Non Adhesive
Single Sided Adhesive
Double Sided Adhesive
25x15mm Strip
ILA-TIM-STRIP-25x15-0A
ILA-TIM-STRIP-25x15-1A
ILA-TIM-STRIP-25x15-2A.
58x58mm Square
ILA-TIM-SQUARE-58X58-0A
ILA-TIM-SQUARE-58X58-1A
ILA-TIM-SQUARE-58X58-2A.
Other sizes are available, including customised parts
Assembly Information
z
The mounting of the OSLON® 1 PowerStar IR has to be on a metal Heatsink.
z
In order to optimise the thermal management, the metal surface needs to be clean (dirt and oil free) and planar for
the best contact with the LED module. A thermal grease or heat transfer material is highly recommended.
Safety Information
z
The LED module itself and all its components must not be mechanically stressed.
z
Assembly must not damage or destroy conducting paths on the circuit board.
z
The mounting of the module is carried out by attaching it at the mounting holes. Metal mounting screws must be
insulated with synthetic washers to prevent circuit board damage and possible short circuiting.
z
To avoid mechanical damage to the connecting cables, the boards should be attached securely to the intended
substrate. Heavy vibration should be avoided.
z
Observe correct polarity!
z
Depending on the product, incorrect polarity will lead to emission of red or no light. The module can be destroyed!
z
Pay attention to standard ESD precautions when installing the OSLON® 1 PowerStar IRs.
z
The OSLON® 1 PowerStar IRs, as manufactured, have no conformal coating and therefore offer no inherent
protection against corrosion.
z
Damage by corrosion will not be accepted as a materials defect claim. It is the user’s responsibility to provide
suitable protection against corrosive agents such as moisture and condensation and other harmful elements.
z
For outdoor usage, a housing is definitely required to protect the board against environmental influences. The
design of the housing must correspond to the IP standards in the application. It is also the responsibility of the user
to ensure any housings or modifications keep the Tc junction temperature to within stated ranges.
z
To also ease the luminaire/installation approval, electronic control gear for LED or LED modules should carry the
CE mark and be ENEC certified. In Europe the declarations of conformity must include the following standards: CE:
EC 61374-2-13, EN 55015, IEC 61547 and IEC 61000-3-2 - ENEC: 61374-2-13 and IEC/EN 62384.
z
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which can be
hazardous to the human eye. Products which incorporate these devices have to follow the safety precautions given
in IEC 60825-1 and IEC 62471.
For further information please contact ILS
The values contained in this data sheet can change due to technical innovations. Any such changes will be made
without separate notification.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com