Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2CCC-1M-USB-CABLE Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # R2CCC-1M-USB-CABLE
Description  3ft (1m) USB C Charging Cable, Coiled Heavy Duty Fast Charge & Sync USB-C Cable, USB 2.0 Type-C Cable, Rugged Aramid Fiber, Durable Male to Male USB Cable, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

R2CCC-1M-USB-CABLE Datasheet(HTML) 2 Page - StarTech.com Ltd.

  R2CCC-1M-USB-CABLE Datasheet HTML 1Page - StarTech.com Ltd. R2CCC-1M-USB-CABLE Datasheet HTML 2Page - StarTech.com Ltd. R2CCC-1M-USB-CABLE Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
being tangled; Strong but soft flexible TPE jacket, makes it easy to coil and put away in vehicle console or glove
compartment
• RUGGED DESIGN: USB Type-C cable reinforced with aramid fiber for increased tensile strength; Tested to
withstand 10000+ insertions & 5000+ bend cycles at 180 angle; Durable TPE jacket and strain relief; TPE is
non-toxic, halogen free
• FAST CHARGE AND SYNC : Supporting up to 3A for fast charging from a USB-C port or Quick Charge power
adapter, this high quality cord is designed to charge and sync your USB C devices
• USB-C COMPATIBILITY: Heavy duty data transfer cable allows you to charge and sync your USB Type C devices
including your iPad Pro, iPad Mini, Samsung Galaxy S8, S9, S10, S20, S20+, One Plus & Google Pixel 3a, 3, 4, 5, 6
series
• SPECS: Length: 3ft (1m) Color: Black Connectors: USB-C to USB-C Performance: USB 2.0 Material: Aramid
Fiber Power: 3A Jacket Type: TPE Shielding: EMI Protection
Hardware
Warranty
Lifetime
Connector Plating
Nickel
Cable Jacket Material
TPE - Thermoplastic Elastomers
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Maximum Cable Length
39.4 in [1000 mm]
Type and Rate
USB 2.0 - 480 Mbit/s
Connector(s)
Connector A
1 - USB Type-C (24-pin) USB 2.0 (480Mbps)
1 - USB Type-C (24-pin) USB 2.0 (480Mbps)
Environmental
Operating Temperature
0 to 80C (32 to 176F)
Storage Temperature
0 to 80C (32 to 176F)
Humidity
0% to 95% RH
Physical
Characteristics
Color
Black
Connector Style
Straight



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com