Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2CCC-1M-USB-CABLE Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # R2CCC-1M-USB-CABLE
Description  3ft (1m) USB C Charging Cable, Coiled Heavy Duty Fast Charge & Sync USB-C Cable, USB 2.0 Type-C Cable, Rugged Aramid Fiber, Durable Male to Male USB Cable, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

R2CCC-1M-USB-CABLE Datasheet(HTML) 1 Page - StarTech.com Ltd.

  R2CCC-1M-USB-CABLE Datasheet HTML 1Page - StarTech.com Ltd. R2CCC-1M-USB-CABLE Datasheet HTML 2Page - StarTech.com Ltd. R2CCC-1M-USB-CABLE Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3ft (1m) USB C Charging Cable, Coiled Heavy Duty Fast Charge & Sync USB-C Cable, USB 2.0
Type-C Cable, Rugged Aramid Fiber, Durable Male to Male USB Cable, Black
Product ID: R2CCC-1M-USB-CABLE
This 3.3ft (1m) coiled USB C cable can withstand the daily demands of charging and syncing your mobile devices. It
contracts to 1.2ft (38cm) making it compact and convenient to store.
The durable USB C charging cable has aramid fiber reinforcement that shelters it from the stress of frequent bends.
This also lets the cable flex without over-stretching or damaging the core of the cable.
The USB C cable is constructed to prevent the connector from separating from the jacket. The extra-long strain relief
molding is tested to withstand over 5,000+ bend cycles at a 180 angle.
The durable cable supports all USB 2.0 specifications providing a dependable connection for all your USB-C devices.
It supports up to 3A for charging your USB C compatible devices.
R2CCC-1M-USB-CABLE is backed by a StarTech.com lifetime warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
Features
• USB C CHARGING CABLE: Coiling cable stretches up to 3.3ft (1m) and contracts to 1.2ft (38cm) preventing it from


Similar Part No. - R2CCC-1M-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
R2CCC-50C-USB-CABLE STARTECH-R2CCC-50C-USB-CABLE Datasheet
86Kb / 3P
20in (50cm) USB C Charging Cable, Coiled Heavy Duty Fast Charge & Sync USB-C Cable, USB 2.0 Type-C Cable, Rugged Aramid Fiber, Durable Male to Male USB Cable, Black
More results

Similar Description - R2CCC-1M-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U038-003 TRIPPLITE-U038-003 Datasheet
495Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-A Male to USB Type-C (USB-C) Male, 3-ft.
U040-006 TRIPPLITE-U040-006 Datasheet
486Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-B Male to USB Type-C (USB-C) Male, 6-ft.
logo
List of Unclassifed Man...
632910731611 ETC2-632910731611 Datasheet
321Kb / 2P
CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
USB C Male to USB 3.1 A Male Cable 1m
logo
Wurth Elektronik GmbH &...
632910731611 WURTH-632910731611 Datasheet
368Kb / 2P
CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-MICRO TRIPPLITE-U040-006-MICRO Datasheet
159Kb / 3P
USB 2.0 Cable, USB Micro-B Male to USB Type-C (USB-C) Male, 6-ft.
logo
IOGEAR
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com