Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2CCR-2M-USB-CABLE Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # R2CCR-2M-USB-CABLE
Description  6ft (2m) USB C Charging Cable Right Angle - 60W PD 3A - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 Type-C - Rugged Aramid Fiber - USB Charging Cord
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

R2CCR-2M-USB-CABLE Datasheet(HTML) 1 Page - StarTech.com Ltd.

  R2CCR-2M-USB-CABLE Datasheet HTML 1Page - StarTech.com Ltd. R2CCR-2M-USB-CABLE Datasheet HTML 2Page - StarTech.com Ltd. R2CCR-2M-USB-CABLE Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6ft (2m) USB C Charging Cable Right Angle - 60W PD 3A - Heavy Duty Fast Charge USB-C Cable -
Black USB 2.0 Type-C - Rugged Aramid Fiber - USB Charging Cord
Product ID: R2CCR-2M-USB-CABLE
This rugged 6ft (2m) USB-C right angle cable can be used to connect and/or charge a USB peripheral. Conveniently
connect USB-C enabled devices at a right angle to the cable for organized cable routing solutions.
The durable USB charging cable features aramid fiber reinforcement that protects the cable from the stress of
frequent bends. This allows the cable to flex without over-stretching or damaging the core components of the cable.
The USB cable has been designed to prevent cable/connector strain. The extra-long strain relief moldings have been
tested to withstand over 5,000+ bend cycles at a 180 angle.
The durable cable supports all USB specifications up to USB 2.0, providing a dependable connection for USB-C
peripheral devices. It supports up to 3A for charging USB-C-enabled devices.
This product is backed for life, including free lifetime 24/5 multi-lingual technical assistance.
Certifications, Reports and Compatibility
Applications
Features
• RIGHT ANGLE USB-C CABLE: 6ft (2m) USB C charging cable features a right angle USB-C connector - Ideal for


Similar Part No. - R2CCR-2M-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
R2CCR-15C-USB-CABLE STARTECH-R2CCR-15C-USB-CABLE Datasheet
72Kb / 3P
6in (15cm) USB C Charging Cable Right Angle - 60W PD 3A - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 Type-C - Rugged Aramid Fiber - Short USB Charging Cord
R2CCR-1M-USB-CABLE STARTECH-R2CCR-1M-USB-CABLE Datasheet
72Kb / 3P
3ft (1m) USB C Charging Cable Right Angle - 60W PD 3A - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 Type-C - Rugged Aramid Fiber - USB Charging Cord
R2CCR-30C-USB-CABLE STARTECH-R2CCR-30C-USB-CABLE Datasheet
72Kb / 3P
1ft (30cm) USB C Charging Cable Right Angle - 60W PD 3A - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 Type-C - Rugged Aramid Fiber - USB Charging Cord
More results

Similar Description - R2CCR-2M-USB-CABLE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
logo
Tripp Lite. All Rights ...
U436-06N-GB-C TRIPPLITE-U436-06N-GB-C Datasheet
182Kb / 4P
USB-C to Gigabit Network Adapter with USB-C PD Charging - Thunderbolt 3, Black
U040-01M-C-RA TRIPPLITE-U040-01M-C-RA Datasheet
162Kb / 3P
USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 60W PD Charging, Right-Angle Plug, Black, 1 m (3.3 ft.)
U040-02M-C-RA TRIPPLITE-U040-02M-C-RA Datasheet
162Kb / 3P
USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 60W PD Charging, Right-Angle Plug, Black, 2 m (6.6 ft.)
U040-003-C TRIPPLITE-U040-003-C Datasheet
180Kb / 3P
USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 60W PD Charging, Black, 3 ft. (0.9 m)
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
logo
IOGEAR
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
logo
Tripp Lite. All Rights ...
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
U280-C02-45W-2B TRIPPLITE-U280-C02-45W-2B Datasheet
183Kb / 3P
Dual-Port USB-C Car Charger with 45W PD Charging - USB-C (27W), USB-C (18W), Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com