Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2922 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD2922
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2922 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2922 Datasheet HTML 1Page - STMicroelectronics SD2922 Datasheet HTML 2Page - STMicroelectronics SD2922 Datasheet HTML 3Page - STMicroelectronics SD2922 Datasheet HTML 4Page - STMicroelectronics SD2922 Datasheet HTML 5Page - STMicroelectronics SD2922 Datasheet HTML 6Page - STMicroelectronics SD2922 Datasheet HTML 7Page - STMicroelectronics SD2922 Datasheet HTML 8Page - STMicroelectronics SD2922 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Output Power vs Input Power
13
57
9
11
13
0
100
200
300
400
Pin, INPUT POWER (W)
Vdd = 50V
f= 175 M Hz
IDQ = 500 mA
GC8120 0
Vdd = 40V
Output Power vs Supply Voltage
Output Power vs Input Power
1
3
579
11
13
0
100
200
300
400
Pin, INPUT POWER (W)
VDD = 50V
f = 175 MHz
IDQ = 500 mA
Tc = 80
°C
Tc = -20
°C
Tc =25
°C
GC81210
Output Power vs Gate Voltage
-4
-3
-2
-1
0123
4
0
100
200
300
400
VGS GATE-SOURCE VOLTAGE (VOLTS)
VDD = 50 V
IDQ = 50 0mA
f = 1 75MHz
Pin = Constant
Tc= -20
°C
Tc= 25
°C
Tc= 80
°C
GC812 30
25
30
35
40
45
50
0
100
200
300
400
VDD, SUPPLY VOLTAGE (VOLTS)
Pin = 5W
Pin= 10W
Pin = 13W
ID Q = 500mA
f = 175MHz
GC81220
TYPICAL PERFORMANCE (175 MHz)
SD2922
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com