Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2922 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SD2922
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2922 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SD2922 Datasheet HTML 2Page - STMicroelectronics SD2922 Datasheet HTML 3Page - STMicroelectronics SD2922 Datasheet HTML 4Page - STMicroelectronics SD2922 Datasheet HTML 5Page - STMicroelectronics SD2922 Datasheet HTML 6Page - STMicroelectronics SD2922 Datasheet HTML 7Page - STMicroelectronics SD2922 Datasheet HTML 8Page - STMicroelectronics SD2922 Datasheet HTML 9Page - STMicroelectronics SD2922 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
175 MHz Test Circuit Component Part List
Component
Part Number
Vendor
Description
R1/R2
CR2412-1W-471JB
VENKEL
470 Ohm 1 W, Surface Mount Chip Resistor
R3/R4
DALE
360 Ohm 0.5 W, Carbon Comp. Axial Lead Resistor or Equiv.
R5/R6
CR2512-1W-471JB
VENKEL
470 Ohm 1 W, Surface Mount Chip Resistor
R7/R8
RS 2B
DALE
560 Ohm 2 W, Resistor Two Turn Wire Air-Wound Axial Lead
Resistor
R9/R10
534 - 1 -1 - 203
SPECTROL 20 KOhm 3.09 W, 10 Turn Wirewound Precision Potentiometer
C1/C4
ATC130B681KP50X
ATC
680 pF ATC 130B Surface Mount Ceramic Chip Capacitor
C2/C7/C8
C17/C19
C20/C21
ATC200B103MW50X
ATC
10000 pF ATC 200B Surface Mount Ceramic Chip Capacitor
C3
ATC200B122MW50X
ATC
10000 pF ATC 200B Surface Mount Ceramic Chip Capacitor
C5
ATC100B750KP500X
ATC
75 pF ATC 100B Surface Mount Ceramic Chip Capacitor
C6
406
ARCO
ST40 25 pF -115pF Miniature Variable Trimmer
C9/C10
ATC100B470KP500X
ATC
47 pF ATC 100B Surface Mount Ceramic Chip Capacitor
C11-C12
C13
ATC100B430KP500X
ATC
43 pF ATC 100B Surface Mount Ceramic Chip Capacitor
C14-C15
C24-C25
ATC700B122MW50X
ATC
1200 pF ATC 700B Surface Mount Ceramic Chip Capacitor
C16-C18
ATC700B471MP200X
ATC
470 pF ATC 700B Surface Mount Ceramic Chip Capacitor
C22-C23
GRM43-4X7R104K500
MURATA
0.1
µF / 500V Surface Mount Ceramic Chip Capacitor
C26
C1812X7R501-103KNE VENKEL
0.01
µF/ 500V Surface Mount Ceramic Chip Capacitor
C27
GRM43-4X7R-104K500 MURATA
0.01
µF / 500V Surface Mount Ceramic Chip Capacitor
C28
SME63T10RM
MARCON
10
µF / 63 V Aluminum Electrolytic Axial Lead Capacitor
B1
50 Ohm RG316, O.D. 0.076[1.93] L=11.80[299.72] Flexible
Coaxial Cable 4 Turns thru Fair-rite Bead
B2
83242
BELDEN
50 Ohm RG-142B O.D 0.165[4.19] L=11.80[299.72] Flexible
Coaxial Cable
T1
R.F. Transformer 4:1, 25 Ohm RG316-25, O.D 0.080[2.03]
L=5.90[149.86] Flexible Coaxial Cable 2 Turns Thru Fair-rite
Multi-aperture Core
T2
UT141-25
MICRO
COAX
R.F. Transformer 1:4, 25 Ohm Semi-rigid Coaxial Cable O.D.
0.141[3.58]
L=5.90[149.86]
L1
83242
BELDEN
Inductor
λ 1/4 Wave 50 Ohm O.D. 0.165[4.19] L=11.80[299.72]
Flexible Coaxial Cable 2 Turns Thru Fair-rite Bead
FB1
2643665802
FAIR-RITE
CORP
Shield Bead
FB2
2843009902
FAIR-RITE
CORP
Multi-aperture Core
FB3
2518068007
FAIR-RITE
CORP
Multilayer Ferrite Chip Bead (Surface Mount)
FB4
2743021447
FAIR-RITE
CORP
Surface Mount Emi Shield Bead
FB5
2643801002
FAIR-RITE
CORP
Shield Bead
FB6
2843010402
FAIR-RITE
CORP
Multi-aperture Core
PCB
G0600M1016QA
ROGERS
CORP
Woven Glass Reinforced PTFE Microwave Laminate 0.06”, 1oz
EDCu, Both sides,
εr = 2.55
SD2922
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com