Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8512TRZ-EP-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8512TRZ-EP-R7
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512TRZ-EP-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8512TRZ-EP-R7 Datasheet HTML 1Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 2Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AD8512-EP
Enhanced Product
Rev. 0 | Page 4 of 7
ELECTRICAL CHARACTERISTICS
VS = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.1
1.0
mV
−55°C < TA < +125°C
1.8
mV
Input Bias Current
IB
25
80
pA
−55°C < TA < +85°C
0.7
nA
−55°C < TA < +125°C
10
nA
Input Offset Current
IOS
6
75
pA
−55°C < TA < +85°C
0.3
nA
−55°C < TA < +125°C
0.5
nA
Input Capacitance
Differential
12.5
pF
Common Mode
11.5
pF
Input Voltage Range
−13.5
+13.0
V
Common-Mode Rejection Ratio
CMRR
VCM = −12.5 V to +12.5 V
86
108
dB
Large-Signal Voltage Gain
AVO
RL = 2 kΩ, VCM = 0 V,
VO = −13.5 V to +13.5 V
115
196
V/mV
Offset Voltage Drift
ΔVOS/ΔT
1.7
12
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ
14.0
14.2
V
RL = 2 kΩ
13.8
14.1
V
RL = 600 Ω
13.5
13.9
V
RL = 600 Ω, −55°C < TA < +125°C
11.4
V
Output Voltage Low
VOL
RL = 10 kΩ, −55°C < TA < +125°C
−14.9
−14.6
V
RL = 2 kΩ, −55°C < TA < +125°C
–14.8
−14.5
V
RL = 600 Ω
−14.3
−13.8
V
RL = 600 Ω, −55°C < TA < +125°C
−12.1
V
Output Current
IOUT
±70
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±4.5 V to ±18 V
86
dB
Supply Current/Amplifier
ISY
VO = 0 V
2.2
2.5
mA
−55°C < TA < +125°C
2.6
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
20
V/µs
Gain Bandwidth Product
GBP
8
MHz
Settling Time
tS
To 0.1%, 0 V to 10 V step, G = +1
0.5
µs
To 0.01%, 0 V to 10 V step, G = +1
0.9
µs
Total Harmonic Distortion (THD) + Noise
THD + N
1 kHz, G = +1, RL = 2 kΩ
0.0005
%
Phase Margin
φM
52
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 10 Hz
34
nV/√Hz
f = 100 Hz
12
nV/√Hz
f = 1 kHz
8.0
10
nV/√Hz
f = 10 kHz
7.6
nV/√Hz
Peak-to-Peak Voltage Noise
en p-p
0.1 Hz to 10 Hz bandwidth
2.4
5.2
µV p-p



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com