Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8512TRZ-EP-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8512TRZ-EP-R7
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8512TRZ-EP-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8512TRZ-EP-R7 Datasheet HTML 1Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 2Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD8512TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Enhanced Product
AD8512-EP
Rev. 0 | Page 5 of 7
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Input Voltage
±VS
Power Dissipation
See Figure 2
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−55°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Electrostatic Discharge
(Human Body Model)
2000 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 4. Thermal Resistance
Package Type1
θJA
θJC
Unit
R-8
158
43
°C/W
1
Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board. See JEDEC JESD-51.
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–55
–35
–15
5
25
45
65
85
105
125
AMBIENT TEMPERATURE (°C)
VSY = ±15V
VSY = ±5V
Figure 2. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com