Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9511BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9511BCPZ
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9511BCPZ Datasheet HTML 35Page - Analog Devices AD9511BCPZ Datasheet HTML 36Page - Analog Devices AD9511BCPZ Datasheet HTML 37Page - Analog Devices AD9511BCPZ Datasheet HTML 38Page - Analog Devices AD9511BCPZ Datasheet HTML 39Page - Analog Devices AD9511BCPZ Datasheet HTML 40Page - Analog Devices AD9511BCPZ Datasheet HTML 41Page - Analog Devices AD9511BCPZ Datasheet HTML 42Page - Analog Devices AD9511BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
AD9511
Rev. B | Page 39 of 60
3.5mA
3.5mA
OUT
OUTB
Figure 42. LVDS Output Simplified Equivalent Circuit
POWER-DOWN MODES
Chip Power-Down or Sleep Mode—PDB
The PDB chip power-down turns off most of the functions and
currents in the AD9511. When the PDB mode is enabled, a chip
power-down is activated by taking the FUNCTION pin to a
logic low level. The chip remains in this power-down state until
PDB is brought back to logic high. When woken up, the
AD9511 returns to the settings programmed into its registers
prior to the power-down, unless the registers are changed by
new programming while the PDB mode is active.
The PDB power-down mode shuts down the currents on the
chip, except the bias current necessary to maintain the LVPECL
outputs in a safe shutdown mode. This is needed to protect the
LVPECL output circuitry from damage that could be caused by
certain termination and load configurations when tri-stated.
Because this is not a complete power-down, it can be called
sleep mode.
When the AD9511 is in a PDB power-down or sleep mode, the
chip is in the following state:
The PLL is off (asynchronous power-down).
All clocks and sync circuits are off.
All dividers are off.
All LVDS/CMOS outputs are off.
All LVPECL outputs are in safe off mode.
The serial control port is active, and the chip responds to
commands.
If the AD9511 clock outputs must be synchronized to each
other, a SYNC (see the Single-Chip Synchronization section) is
required upon exiting power-down mode.
PLL Power-Down
The PLL section of the AD9511 can be selectively powered
down. There are three PLL power-down modes, set by the
values in Register 0Ah<1:0>, as shown in Table 19.
Table 19. Register 0Ah: PLL Power-Down
<1>
<0>
Mode
0
0
Normal Operation
0
1
Asynchronous Power-Down
1
0
Normal Operation
1
1
Synchronous Power-Down
In asynchronous power-down mode, the device powers down
as soon as the registers are updated.
In synchronous power-down mode, the PLL power-down is
gated by the charge pump to prevent unwanted frequency
jumps. The device goes into power-down on the occurrence of
the next charge pump event after the registers are updated.
Distribution Power-Down
The distribution section can be powered down by writing to
Register 58h<3> = 1. This turns off the bias to the distribution
section. If the LVPECL power-down mode is normal operation
<00>, it is possible for a low impedance load on that LVPECL
output to draw significant current during this power-down. If
the LVPECL power-down mode is set to <11>, the LVPECL
output is not protected from reverse bias, and can be damaged
under certain termination conditions.
When combined with the PLL power-down, this mode results in
the lowest possible power-down current for the AD9511.
Individual Clock Output Power-Down
Any of the five clock distribution outputs can be powered down
individually by writing to the appropriate registers via the SCP.
The register map details the individual power-down settings for
each output. The LVDS/CMOS outputs may be powered down,
regardless of their output load configuration.
The LVPECL outputs have multiple power-down modes (see
Register 3Dh, Register 3Eh, and Register 3Fh in Table 24).
These give some flexibility in dealing with various output
termination conditions. When the mode is set to <10b>, the
LVPECL output is protected from reverse bias to 2 VBE + 1 V. If
the mode is set to <11b>, the LVPECL output is not protected
from reverse bias and can be damaged under certain
termination conditions. This setting also affects the operation
when the distribution block is powered down with Register
58h<3> = 1b (see the Distribution Power-Down section).
Individual Circuit Block Power-Down
Many of the AD9511 circuit blocks (CLK1, CLK2, and REFIN,
and so on) can be powered down individually. This gives
flexibility in configuring the part for power savings whenever
certain chip functions are not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com