Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9511BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9511BCPZ
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9511BCPZ Datasheet HTML 1Page - Analog Devices AD9511BCPZ Datasheet HTML 2Page - Analog Devices AD9511BCPZ Datasheet HTML 3Page - Analog Devices AD9511BCPZ Datasheet HTML 4Page - Analog Devices AD9511BCPZ Datasheet HTML 5Page - Analog Devices AD9511BCPZ Datasheet HTML 6Page - Analog Devices AD9511BCPZ Datasheet HTML 7Page - Analog Devices AD9511BCPZ Datasheet HTML 8Page - Analog Devices AD9511BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
AD9511
Rev. B | Page 5 of 60
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
NOISE CHARACTERISTICS
In-Band Noise of the Charge Pump/
Phase Frequency Detector (In-Band
Means Within the LBW of the PLL)
The synthesizer phase noise floor is
estimated by measuring the in-band
phase noise at the output of the VCO and
subtracting 20logN (where N is the
N divider value).
@ 50 kHz PFD Frequency
−172
dBc/Hz
@ 2 MHz PFD Frequency
−156
dBc/Hz
@ 10 MHz PFD Frequency
−149
dBc/Hz
@ 50 MHz PFD Frequency
−142
dBc/Hz
PLL Figure of Merit
−218 +
10 × log (fPFD)
dBc/Hz
Approximation of the PFD/CP phase noise
floor (in the flat region) inside the PLL loop
bandwidth. When running closed loop this
phase noise is gained up by 20 × log(N)3.
PLL DIGITAL LOCK DETECT WINDOW4
Signal available at STATUS pin
when selected by 08h<5:2>.
Required to Lock
(Coincidence of Edges)
Selected by Register ODh.
Low Range (ABP 1.3 ns, 2.9 ns Only)
3.5
ns
<5> = 1b.
High Range (ABP 1.3 ns, 2.9 ns)
7.5
ns
<5> = 0b.
High Range (ABP 6 ns)
3.5
ns
<5> = 0b.
To Unlock After Lock (Hysteresis)4
Selected by Register 0Dh.
Low Range (ABP 1.3 ns, 2.9 ns Only)
7
ns
<5> = 1b.
High Range (ABP 1.3 ns, 2.9 ns)
15
ns
<5> = 0b.
High Range (ABP 6 ns)
11
ns
<5> = 0b.
1 REFIN and REFINB self-bias points are offset slightly to avoid chatter on an open input condition.
2 CLK2 is electrically identical to CLK1; the distribution only input can be used as differential or single-ended input (see the Clock Inputs section).
3 Example: −218 + 10 × log(fPFD) + 20 × log(N) should give the values for the in-band noise at the VCO output.
4 For reliable operation of the digital lock detect, the period of the PFD frequency must be greater than the unlock-after-lock time.
CLOCK INPUTS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK INPUTS (CLK1, CLK2)1
Input Frequency
0
1.6
GHz
Input Sensitivity
1502
mV p-p
Jitter performance can be improved with higher slew
rates (greater swing).
Input Level
23
V p-p
Larger swings turn on the protection diodes and can
degrade jitter performance.
Input Common-Mode Voltage, VCM
1.5
1.6
1.7
V
Self-biased; enables ac coupling.
Input Common-Mode Range, VCMR
1.3
1.8
V
With 200 mV p-p signal applied; dc-coupled.
Input Sensitivity, Single-Ended
150
mV p-p
CLK2 ac-coupled; CLK2B ac bypassed to RF ground.
Input Resistance
4.0
4.8
5.6
kΩ
Self-biased.
Input Capacitance
2
pF
1 CLK1 and CLK2 are electrically identical; each can be used as either differential or single-ended input.
2 With a 50 Ω termination, this is −12.5 dBm.
3 With a 50 Ω termination, this is +10 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com