Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4106BCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4106BCPZ-R7
Description  PLL Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106BCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4106BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADF4106
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RSET
CP
CPGND
AGND
1
2
3
4
5
6
7
8
RFINB
RFINA
AVDD
REFIN
MUXOUT
LE
DATA
CLK
CE
DGND
16
15
14
13
12
11
10
9
VP
DVDD
TOP VIEW
(Not to Scale)
ADF4106
NOTE: TRANSISTOR COUNT 6425 (CMOS),
303 (BIPOLAR).
Figure 3. 16-Lead TSSOP Pin Configuration
14
13
12
1
3
4
LE
15 MUXOUT
DATA
CLK
11 CE
CPGND
AGND
2
AGND
RFINB
5
RFINA
ADF4106
TOP VIEW
(Not to Scale)
NOTES
1. TRANSISTOR COUNT 6425 (CMOS),
303 (BIPOLAR).
2. THE EXPOSED PAD MUST BE
CONNECTED TO AGND.
Figure 4. 20-Lead LFCSP_WQ Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
TSSOP
Pin No.
LFCSP
Mnemonic
Function
1
19
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current.
The nominal voltage potential at the RSET pin is 0.66 V. The relationship between ICP and RSET is
SET
MAX
CP
R
I
5
.
25
=
So, with RSET = 5.1 kΩ, ICP MAX = 5 mA.
2
20
CP
Charge Pump Output. When enabled, this provides ±ICP to the external loop filter, which in turn
drives the external VCO.
3
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
4
2, 3
AGND
Analog Ground. This is the ground return path of the prescaler.
5
4
RFINB
Complementary Input to the RF Prescaler. This point must be decoupled to the ground plane with
a small bypass capacitor, typically 100 pF. See Figure 18.
6
5
RFINA
Input to the RF Prescaler. This small signal input is ac-coupled to the external VCO.
7
6, 7
AVDD
Analog Power Supply. This may range from 2.7 V to 3.3 V. Decoupling capacitors to the analog ground
plane should be placed as close as possible to this pin. AVDD must be the same value as DVDD.
8
8
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and a dc equivalent input
resistance of 100 kΩ. See Figure 18. This input can be driven from a TTL or CMOS crystal oscillator or
it can be ac-coupled.
9
9, 10
DGND
Digital Ground.
10
11
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output
into three-state mode. Taking the pin high powers up the device, depending on the status of the
power-down bit, F2.
11
12
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched
into the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
12
13
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits.
This input is a high impedance CMOS input.
13
14
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one
of the four latches with the latch being selected using the control bits.
14
15
MUXOUT
This multiplexer output allows either the lock detect, the scaled RF, or the scaled reference frequency
to be accessed externally.
15
16, 17
DVDD
Digital Power Supply. This may range from 2.7 V to 3.3 V. Decoupling capacitors to the digital ground
plane should be placed as close as possible to this pin. DVDD must be the same value as AVDD.
16
18
VP
Charge Pump Power Supply. This should be greater than or equal to VDD. In systems where VDD is 3 V,
it can be set to 5.5 V and used to drive a VCO with a tuning range of up to 5 V.
EP
Exposed Pad. The exposed pad must be connected to AGND.
Rev. F | Page 7 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com