Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4106BCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4106BCPZ-R7
Description  PLL Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4106BCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4106BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADF4106BCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADF4106
–40
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
100Hz
1MHz
FREQUENCY OFFSET FROM 5800MHz CARRIER
10dB/DIV
RL = –40dBc/Hz
RMS NOISE = 1.8
°
Figure 11. Integrated Phase Noise (5.8 GHz,1 MHz, and 100 kHz)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–2M
–1M
5800
1M
2M
FREQUENCY (Hz)
REF LEVEL = –10dBm
–65.0dBc
–66.0dBc
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 13 SECONDS
AVERAGES = 1
Figure 12. Reference Spurs (5.8 GHz,1 MHz, and 100 kHz)
–60
–100
–90
–80
–70
100
–40
–20
0
20
40
60
80
TEMPERATURE (
°C)
VDD = 3V
VP = 3V
Figure 13. Phase Noise (5.8 GHz,1 MHz, and 100 kHz) vs. Temperature
–5
–105
–95
–85
–75
–65
–55
–45
–35
–25
–15
5
0
1
2
3
4
TUNNING VOLTAGE (V)
VDD = 3V
VP = 5V
Figure 14. Reference Spurs vs. VTUNE (5.8 GHz,1 MHz, and 100 kHz)
–120
–180
–170
–160
–150
–140
–130
100M
10k
100k
1M
10M
PHASE ETECTOR FREQUENCY (Hz)
VDD = 3V
VP = 5V
Figure 15. Phase Noise (Referred to CP Output) vs. PFD Frequency
–6
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCP (V)
VPP = 5V
ICP SETTLING = 5mA
Figure 16. Charge Pump Output Characteristics
Rev. F | Page 9 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com