Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C512 Datasheet(PDF) 14 Page - STMicroelectronics

Part # 27C512
Description  512 Kbit 64Kb x8 UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27C512 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button 27C512 Datasheet HTML 10Page - STMicroelectronics 27C512 Datasheet HTML 11Page - STMicroelectronics 27C512 Datasheet HTML 12Page - STMicroelectronics 27C512 Datasheet HTML 13Page - STMicroelectronics 27C512 Datasheet HTML 14Page - STMicroelectronics 27C512 Datasheet HTML 15Page - STMicroelectronics 27C512 Datasheet HTML 16Page - STMicroelectronics 27C512 Datasheet HTML 17Page - STMicroelectronics 27C512 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
M27C512
14/22
Table 11. Margin Mode AC Characteristics
Note: 1. TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V
2. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Figure 10. Margin Mode AC Waveforms
Note: A8 High level = 5V; A9 High level = 12V.
Symbol
Alt
Parameter
Test Condition (1,2)
Min
Max
Unit
tA9HVPH
tAS9
VA9 High to VPP High
2µs
tVPHEL
tVPS
VPP High to Chip Enable Low
2µs
tA10HEH
tAS10
VA10 High to Chip Enable High (Set)
1µs
tA10LEH
tAS10
VA10 Low to Chip Enable High (Reset)
1µs
tEXA10X
tAH10
Chip Enable Transition to VA10 Transition
1µs
tEXVPX
tVPH
Chip Enable Transition to VPP Transition
2µs
tVPXA9X
tAH9
VPP Transition to VA9 Transition
2µs
AI00736B
tA9HVPH
tVPXA9X
A8
E
GVPP
A10 Set
VCC
tVPHEL
tA10LEH
tEXVPX
tA10HEH
A9
A10 Reset
tEXA10X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com