Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 27C512
Description  512 Kbit 64Kb x8 UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27C512 Datasheet(HTML) 1 Page - STMicroelectronics

  27C512 Datasheet HTML 1Page - STMicroelectronics 27C512 Datasheet HTML 2Page - STMicroelectronics 27C512 Datasheet HTML 3Page - STMicroelectronics 27C512 Datasheet HTML 4Page - STMicroelectronics 27C512 Datasheet HTML 5Page - STMicroelectronics 27C512 Datasheet HTML 6Page - STMicroelectronics 27C512 Datasheet HTML 7Page - STMicroelectronics 27C512 Datasheet HTML 8Page - STMicroelectronics 27C512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
November 2004
M27C512
512 Kbit (64K x8) UV EPROM and OTP EPROM
FEATURES SUMMARY
■
5V ± 10% SUPPLY VOLTAGE in READ
OPERATION
■
ACCESS TIME: 45ns
■
LOW POWER “CMOS” CONSUMPTION:
–
Active Current 30mA
–
Standby Current 100µA
■
PROGRAMMING VOLTAGE: 12.75V ± 0.25V
■
PROGRAMMING TIMES of AROUND 6sec.
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 20h
–
Device Code: 3Dh
■
PACKAGES
–
Lead-Free Versions
Figure 1. Packages
1
28
FDIP28W (F)
28
1
PDIP28 (B)
PLCC32 (C)
TSOP28 (N)
8 x 13.4 mm


Similar Part No. - 27C512

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
27C512 SYC-27C512 Datasheet
155Kb / 14P
512K (64K x 8) UV EPROM and OTP EPROM
logo
Macronix International
27C512-10 MCNIX-27C512-10 Datasheet
759Kb / 15P
512K-BIT [64Kx8] CMOS EPROM
27C512-12 MCNIX-27C512-12 Datasheet
759Kb / 15P
512K-BIT [64Kx8] CMOS EPROM
27C512-15 MCNIX-27C512-15 Datasheet
759Kb / 15P
512K-BIT [64Kx8] CMOS EPROM
27C512-45 MCNIX-27C512-45 Datasheet
759Kb / 15P
512K-BIT [64Kx8] CMOS EPROM
More results

Similar Description - 27C512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
1 Mbit 128Kb x8 UV EPROM and OTP EPROM
04-Jun-2002
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
20-Mar-2000
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
08-Nov-2004
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
08-Nov-2004
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
18-May-2007
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Sep-1998
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
512 Kbit (64 Kbit x8) low-voltage OTP EPROM
09-Jun-2008
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com