Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150AUJZ-3.0-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP150AUJZ-3.0-R7
Description  Ultralow Noise, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150AUJZ-3.0-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP150AUJZ-3.0-R7 Datasheet HTML 5Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 6Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 7Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 11Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADP150
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. E | 9 of 20
Figure 17. Power Supply Rejection Ratio (PSRR) vs. Frequency, VOUT = 3.3 V,
VIN = 3.8 V
Figure 18. Power Supply Rejection Ratio (PSRR) vs. Frequency Various
Output Voltages and Load Currents
Figure 19. Power Supply Rejection Ratio (PSRR) vs. Frequency with Various
Headroom Voltages (VIN − VOUT), VOUT = 3.3 V
Figure 20. Output RMS Noise vs. Load Current (IOUT) and Output Voltage
(VOUT), VIN = 5 V, COUT = 1 µF
Figure 21. Output Noise Spectrum, VIN = 5 V, ILOAD = 10 mA, COUT = 1 μF
Figure 22. Load Transient Response, COUT = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com