Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150AUJZ-3.0-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP150AUJZ-3.0-R7
Description  Ultralow Noise, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150AUJZ-3.0-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP150AUJZ-3.0-R7 Datasheet HTML 1Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 2Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 3Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 4Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 5Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 6Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 7Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADP150AUJZ-3.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Data Sheet
ADP150
TABLE OF CONTENTS
analog.com
Rev. E | 2 of 20
Features................................................................ 1
Applications........................................................... 1
Typical Application Circuits....................................1
General Description...............................................1
Specifications........................................................ 3
Recommended Specifications: Input and
Output Capacitor.............................................. 4
Absolute Maximum Ratings...................................5
Thermal Data......................................................5
Thermal Resistance........................................... 5
ESD Caution.......................................................5
Pin Configurations and Function Descriptions.......6
Typical Performance Characteristics..................... 7
Theory of Operation.............................................11
Applications Information...................................... 12
Capacitor Selection.......................................... 12
Undervoltage Lockout...................................... 13
Enable Feature.................................................13
Current Limit and Thermal Overload
Protection....................................................... 13
Thermal Considerations................................... 14
PCB Layout Considerations............................. 17
Outline Dimensions............................................. 18
Ordering Guide ................................................18
Output Voltage Options.................................... 19
Evaluation Boards............................................ 19
Automotive Products ....................................... 19
REVISION HISTORY
11/2022—Rev. D to Rev. E
Changes to Applications Section..................................................................................................................... 1
Changes to Undervoltage Lockout Parameter, Table 1................................................................................... 3
Changes to Figure 12 and Figure 14............................................................................................................... 8
Changes to Figure 49.................................................................................................................................... 18
Changes to Ordering Guide........................................................................................................................... 18
Changes to Evaluation Board ....................................................................................................................... 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com