Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1761ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1761ACPZ-R7
Description  1 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1761ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1761ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADP1761
SPECIFICATIONS
analog.com
Rev. D | 3 of 21
VIN = VOUT + 0.2 V or VIN = 1.1 V, whichever is greater, ILOAD = 10 mA, CIN = 10 µF, COUT = 10 µF, CREF = 1 µF, CREG = 1 µF, TA = 25°C,
minimum and maximum limits at TJ = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE SUPPLY RANGE
VIN
TJ = −40°C to +125°C
1.10
1.98
V
CURRENT
Operating Supply Current
IGND
ILOAD = 0 µA
4.5
8
mA
ILOAD = 10 mA
4.9
8
mA
ILOAD = 100 mA
5.5
8.5
mA
ILOAD = 1 A
7.3
11
mA
Shutdown Current
IGND-SD
EN = GND
2
µA
TJ = −40°C to +85°C, VIN = (VOUT + 0.2 V) to 1.98 V
180
µA
TJ = 85°C to 125°C, VIN = (VOUT + 0.2 V) to 1.98 V
800
µA
OUTPUT NOISE1
OUTNOISE
10 Hz to 100 kHz, VIN = 1.1 V, VOUT = 0.9 V
12
µV rms
100 Hz to 100 kHz, VIN = 1.1 V, VOUT = 0.9 V
2
µV rms
10 Hz to 100 kHz, VIN = 1.5 V, VOUT = 1.3 V
15
µV rms
100 Hz to 100 kHz, VIN = 1.5 V, VOUT = 1.3 V
2
µV rms
10 Hz to 100 kHz, VIN = 1.7 V, VOUT = 1.5 V
21
µV rms
100 Hz to 100 kHz, VIN = 1.7 V, VOUT = 1.5 V
2
µV rms
Noise Spectral Density
OUTNSD
VOUT = 0.9 V to 1.5 V, ILOAD = 100 mA
At 10 kHz
4
nV/√Hz
At 100 kHz
3
nV/√Hz
POWER SUPPLY REJECTION RATIO1
PSRR
ILOAD = 1 A, modulated VIN
10 kHz, VOUT = 1.3 V, VIN = 1.5 V
67
dB
100 kHz, VOUT = 1.3 V, VIN = 1.5 V
51
dB
1 MHz, VOUT = 1.3 V, VIN = 1.5 V
41
dB
10 kHz, VOUT = 0.9 V, VIN = 1.1 V
66
dB
100 kHz, VOUT = 0.9 V, VIN = 1.1 V
50
dB
1 MHz, VOUT = 0.9 V, VIN = 1.1 V
35
dB
OUTPUT VOLTAGE
Output Voltage Range
TA = 25°C
VOUT_FIXED
0.9
1.5
V
VOUT_ADJ
0.5
1.5
V
Fixed Output Voltage Accuracy
VOUT
ILOAD = 100 mA, TA = 25°C
−0.5
+0.5
%
10 mA < ILOAD < 1 A, VIN = (VOUT + 0.2 V) to
−1
+1.5
%
1.98 V, TJ = 0°C to 85°C
10 mA < ILOAD < 1 A, VIN = (VOUT + 0.2 V) to
−1.5
+1.5
%
1.98 V
ADJUSTABLE PIN CURRENT
IADJ
TA = 25°C
49.5
50.0
50.5
µA
VIN = (VOUT + 0.2 V) to 1.98 V
48.8
50.0
51.0
µA
ADJUSTABLE OUTPUT VOLTAGE GAIN FACTOR
AD
TA = 25°C
3.0
VIN = (VOUT + 0.2 V) to 1.98 V
2.95
3.055
REGULATION
Line Regulation
∆VOUT/∆VIN
VIN = (VOUT + 0.2 V) to 1.98 V
−0.15
+0.15
%/V
Load Regulation2
∆VOUT/∆IOUT
ILOAD = 10 mA to 1 A
0.25
0.44
%/A
DROPOUT VOLTAGE3
VDROPOUT
ILOAD = 100 mA, VOUT = 1.2 V
12
23
mV
ILOAD = 1 A, VOUT = 1.2 V
30
53
mV
START-UP TIME1, 4
TSTART-UP
CSS = 10 nF, VOUT = 1.3 V
0.6
ms
SOFT START CURRENT
ISS
1.1 V ≤ VIN ≤ 1.98 V
8
10
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com