Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1761ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1761ACPZ-R7
Description  1 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1761ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1761ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1761ACPZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Data Sheet
ADP1761
OUTLINE DIMENSIONS
analog.com
Rev. D | 20 of 21
Figure 47. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-22)
Dimensions shown in millimeters
Updated: January 27, 2022
ORDERING GUIDE
Table 9. Ordering Guide
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADP1761ACPZ0.95-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LUN
ADP1761ACPZ-0.9-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LRK
ADP1761ACPZ-1.0-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LRL
ADP1761ACPZ-1.1-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LRM
ADP1761ACPZ1.25-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LRP
ADP1761ACPZ-1.2-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LRN
ADP1761ACPZ-1.3-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LRQ
ADP1761ACPZ-1.5-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LRR
ADP1761ACPZ-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LRJ
ADP1761WACPZ0.95-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LW2
ADP1761WACPZ-0.9-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LVV
ADP1761WACPZ-1.0-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LVW
ADP1761WACPZ-1.1-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LVX
ADP1761WACPZ1.25-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LW3
ADP1761WACPZ-1.2-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LVY
ADP1761WACPZ-1.3-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LVZ
ADP1761WACPZ-1.5-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LW0
ADP1761WACPZ-R7
-40°C to +125°C
16-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-16-22
LW1
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com