Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7159ACPZ-03-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP7159ACPZ-03-R7
Description  2 A, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7159ACPZ-03-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP7159ACPZ-03-R7 Datasheet HTML 1Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 2Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 3Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 4Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 5Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 6Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 7Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 8Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADP7159
Data Sheet
Rev. B | Page 4 of 23
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
UNDERVOLTAGE THRESHOLDS
Input Voltage
Rising
UVLORISE
2.22
2.29
V
Falling
UVLOFALL
1.95
2.02
V
Hysteresis
UVLOHYS
200
mV
VREG THRESHOLDS8
Rising
VREGUVLORISE
1.94
V
Falling
VREGUVLOFALL
1.60
V
Hysteresis
VREGUVLOHYS
185
mV
EN INPUT PRECISION
2.3 V ≤ VIN ≤ 5.5 V
EN Input
Logic High
VEN_HIGH
1.13
1.22
1.31
V
Logic Low
VEN_LOW
1.05
1.13
1.22
V
Logic Hysteresis
VEN_HYS
90
mV
LEAKAGE CURRENT
REF_SENSE
IREF_SENSE_LKG
10
nA
EN
IEN_LKG
EN = VIN or ground
0.01
1
µA
1
VOUT_MAX is the maximum output voltage of each version of the ADP7159.
2
Guaranteed by characterization, but not production tested.
3
This output voltage specification is for ADP7159-04 version. Table 10 provides a guide for selecting one of the four versions of the ADP7159 based on voltage range.
4
This specification is based on an endpoint calculation using 10 mA and 2 A loads.
5
Current-limit threshold is the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V output voltage
is the current that causes the output voltage to drop to 90% of 3.0 V or 2.7 V.
6
Dropout voltage is the input to output voltage differential when the input voltage is set to the nominal output voltage. Dropout applies only for output voltages
above 2.3 V.
7
Start-up time is the time from the rising edge of VEN to VOUT, VREG, or VREF being at 90% of its nominal value.
8
The output voltage is disabled until the VREG UVLO rise threshold is crossed. The VREG output is disabled until the input voltage UVLO rising threshold is crossed.
Table 3. Input and Output Capacitors, Recommended Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
MINIMUM CAPACITANCE
TA = −40°C to +125°C
Input1
CIN
7
10.0
µF
Regulator1
CREG
0.7
1.0
µF
Output1
COUT
7
10.0
µF
Bypass
CBYP
0.1
1.0
µF
Reference
CREF
0.7
1.0
µF
CAPACITOR EFFECTIVE SERIES
RESISTANCE (ESR)
RESR
TA = −40°C to +125°C
COUT, CIN
0.1
Ω
CREG, CREF
0.2
Ω
CBYP
2.0
Ω
1
The minimum input, regulator, and output capacitances must be greater than 7.0 μF over the full range of operating conditions. The full range of operating conditions
in the application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are
recommended; Y5V and Z5U capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com